Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IB048E096T40P1-OO Datasheet(PDF) 11 Page - Vicor Corporation

Part # IB048E096T40P1-OO
Description  5:1 Intermediate Bus Converter Module: Up to 300 W Output
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

IB048E096T40P1-OO Datasheet(HTML) 11 Page - Vicor Corporation

Back Button IB048E096T40P1-OO Datasheet HTML 5Page - Vicor Corporation IB048E096T40P1-OO Datasheet HTML 6Page - Vicor Corporation IB048E096T40P1-OO Datasheet HTML 7Page - Vicor Corporation IB048E096T40P1-OO Datasheet HTML 8Page - Vicor Corporation IB048E096T40P1-OO Datasheet HTML 9Page - Vicor Corporation IB048E096T40P1-OO Datasheet HTML 10Page - Vicor Corporation IB048E096T40P1-OO Datasheet HTML 11Page - Vicor Corporation IB048E096T40P1-OO Datasheet HTML 12Page - Vicor Corporation IB048E096T40P1-OO Datasheet HTML 13Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
VI BRICK IBC Module
IB048E096T40N1-00
vicorpower.com
Rev. 1.6
Page 11 of 13
Parallel Operation
The IBC will inherently current share when operated in an array. Arrays may
be used for higher power or redundancy in an application. Current sharing
accuracy is maximized when the source and load impedance presented to
each IBC within an array are equal. The recommended method to achieve
matched impedances is to dedicate common copper planes within the PCB
to deliver and return the current to the array, rather than rely upon traces
of varying lengths. In typical applications the current being delivered to the
load is larger than that sourced from the input, allowing narrower traces to
be utilized on the input side if necessary. The use of dedicated power
planes is, however, preferable.
One or more IBCs in an array may be disabled without adversely affecting
operation or reliability as long as the load does not exceed the rated power
of the enabled IBCs.
The IBC power train and control architecture allow bi-directional power
transfer, including reverse power processing from the IBC output to its
input. The IBC’s ability to process power in reverse improves the IBC tran-
sient response to an output load dump.
Thermal Considerations
The temperature distribution of the VI Brick can vary significantly
with its input / output operating conditions, thermal management and
environmental conditions. Although the PCB is UL rated to 130°C, it is
recommended that PCB temperatures be maintained at or below 125°C.
For maximum long term reliability, lower PCB temperatures are
recommended for continuous operation, however, short periods of
operation at 125°C will not negatively impact performance or reliability.
WARNING: Thermal and voltage hazards. The IBC can operate with surface
temperatures and operating voltages that may be hazardous to personnel.
Ensure that adequate protection is in place to avoid inadvertent contact
Input Impedance Recommendations
To take full advantage of the IBC capabilities, the impedance presented to
its input terminals must be low from DC to approximately 5 MHz.
The source should exhibit low inductance and should have a critically
damped response. If the interconnect inductance is excessive, the IBC input
pins should be bypassed with an RC damper (e.g., 47
µF in series with
0.3
Ω) to retain low source impedance and proper operation. Given the
wide bandwidth of the IBC, the source response is generally the limiting
factor in the overall system response.
Anomalies in the response of the source will appear at the output of the
IBC multiplied by its K factor. The DC resistance of the source should be
kept as low as possible to minimize voltage deviations. This is especially
important if the IBC is operated near low or high line as the
overvoltage / undervoltage detection circuitry could be activated.
Input Fuse Recommendations
The IBC is not internally fused in order to provide flexibility in configuring
power systems. However, input line fusing of VI Bricks must always be
incorporated within the power system. A fast acting fuse should be placed
in series with the +In port.
Application Notes
For IBC and VI Brick application notes on soldering, thermal management,
board layout, and system design visit vicorpower.com.
APPLICATIONS NOTE
Product
Input
Package
Nominal
Temperature
Output
Enable
Pin
Options
Family
Voltage
Output Voltage
Grade
Current
Logic
Length
IB
048
E
096
T
40
N = Negative
1 = 0.145
-00 = Open frame
P = Positive
2 = 0.210
3 = 0.180
PART NUMBERING


Similar Part No. - IB048E096T40P1-OO

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB048E096T40P100 VICOR-IB048E096T40P100 Datasheet
1Mb / 16P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
More results

Similar Description - IB048E096T40P1-OO

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB054E096T40N1-00 VICOR-IB054E096T40N1-00 Datasheet
977Kb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB050E096T40N1-00 VICOR-IB050E096T40N1-00 Datasheet
1Mb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB048E096T40N1-00 VICOR-IB048E096T40N1-00_14 Datasheet
1Mb / 16P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB048E120T32N1-00 VICOR-IB048E120T32N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 300 W Output
IB054E120T32N1-00 VICOR-IB054E120T32N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 300 W Output
IB050E120T32N1-00 VICOR-IB050E120T32N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 300 W Output
IB048E120T32N1-00 VICOR-IB048E120T32N1-00_14 Datasheet
2Mb / 16P
   4:1 Intermediate Bus Converter Module: Up to 300 W Output
IB054Q096T64N1-00 VICOR-IB054Q096T64N1-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 650 W Output
IB050Q096T70N1-00 VICOR-IB050Q096T70N1-00 Datasheet
2Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 750 W Output
IB048E096T48N1-00 VICOR-IB048E096T48N1-00 Datasheet
992Kb / 13P
   5:1 Intermediate Bus Converter Module: Up to 500 W Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com