Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOT240L Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOT240L
Description  40V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOT240L Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOT240L Datasheet HTML 1Page - Alpha & Omega Semiconductors AOT240L Datasheet HTML 2Page - Alpha & Omega Semiconductors AOT240L Datasheet HTML 3Page - Alpha & Omega Semiconductors AOT240L Datasheet HTML 4Page - Alpha & Omega Semiconductors AOT240L Datasheet HTML 5Page - Alpha & Omega Semiconductors AOT240L Datasheet HTML 6Page - Alpha & Omega Semiconductors AOT240L Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AOT240L/AOB240L/AOTF240L
40V N-Channel MOSFET
General Description
Product Summary
VDS
ID (at VGS=10V)
105A/85A
RDS(ON) (at VGS=10V)
< 2.9m
Ω (< 2.6mΩ)
RDS(ON) (at VGS=4.5V)
< 3.7m
Ω (< 3.5mΩ)
100% UIS Tested
100% Rg Tested
Symbol
VDS
VGS
40V
AOT240L/AOB240L
AOTF240L
Drain-Source Voltage
40
The AOT240L & AOB240L & AOTF240L uses Trench
MOSFET technology that is uniquely optimized to provide
the most efficient high frequency switching performance.
Power losses are minimized due to an extremely low
combination of RDS(ON) and Crss.
V
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
V
±20
Gate-Source Voltage
G
D
S
TO-263
D2PAK
G
D
S
G
D
S
D
S
G
Top View
TO-220F
TO-220
AOTF240L
AOT240L
AOB240L
IDM
IAS
EAS
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Steady-State
RθJC
* Surface mount package TO263
85
82
60
400
Maximum Junction-to-Case
Pulsed Drain Current
C
Continuous Drain
Current
G
Power Dissipation
A
15
TC=100°C
Power Dissipation
B
PD
88
20
-55 to 175
°C/W
°C/W
Maximum Junction-to-Ambient
A D
0.85
65
3.6
W
TA=70°C
1.2
TA=25°C
1.9
PDSM
A
TA=25°C
IDSM
176
41
20
105
68
Avalanche energy L=0.1mH
C
A
TA=70°C
Continuous Drain
Current
231
ID
W
TC=25°C
°C
Thermal Characteristics
Parameter
AOT240L/AOB240L
AOTF240L
Maximum Junction-to-Ambient
A
°C/W
RθJA
15
65
TC=25°C
TC=100°C
mJ
Avalanche Current
C
16
A
Units
Junction and Storage Temperature Range
Rev 1 : Dec. 2011
www.aosmd.com
Page 1 of 7


Similar Part No. - AOT240L

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AOT240L VBSEMI-AOT240L Datasheet
968Kb / 7P
   N-Channel 4 -V (D-S) MOSFET
logo
Inchange Semiconductor ...
AOT240L ISC-AOT240L Datasheet
304Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOT240L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4484 AOSMD-AO4484_10 Datasheet
185Kb / 4P
   40V N-Channel MOSFET
AOL1242 AOSMD-AOL1242 Datasheet
266Kb / 6P
   40V N-Channel MOSFET
AON2240 AOSMD-AON2240 Datasheet
296Kb / 6P
   40V N-Channel MOSFET
AON6442 AOSMD-AON6442 Datasheet
244Kb / 6P
   40V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSFD4004 GOOD-ARK-SSFD4004 Datasheet
1Mb / 7P
   40V N-Channel MOSFET
logo
TECH PUBLIC Electronics...
TPM4060ND56-1 TECHPUBLIC-TPM4060ND56-1 Datasheet
1Mb / 5P
   40V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4480 AOSMD-AO4480_10 Datasheet
173Kb / 4P
   40V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com