Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8061ART-REEL7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8061ART-REEL7
Description  Low-Cost, 300 MHz Rail-to-Rail Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8061ART-REEL7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8061ART-REEL7 Datasheet HTML 4Page - Analog Devices AD8061ART-REEL7 Datasheet HTML 5Page - Analog Devices AD8061ART-REEL7 Datasheet HTML 6Page - Analog Devices AD8061ART-REEL7 Datasheet HTML 7Page - Analog Devices AD8061ART-REEL7 Datasheet HTML 8Page - Analog Devices AD8061ART-REEL7 Datasheet HTML 9Page - Analog Devices AD8061ART-REEL7 Datasheet HTML 10Page - Analog Devices AD8061ART-REEL7 Datasheet HTML 11Page - Analog Devices AD8061ART-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8061/AD8062/AD8063
–8–
REV. C
RTO OUTPUT – V p-p
–100
1.0
3.0
3.5
–40
–50
–60
–70
2.5
2.0
1.5
3RD @ 2MHz
2ND @ 2MHz
2ND @ 10MHz
–90
–80
4.0
4.5
VS = 5V
RF = RL = 1k
G = 2
–110
3RD @ 500kHz
+
1k
5V
10 F
0.1 F
1k
50
1k
50
1M
INPUT
TO
3589A
2ND @ 500kHz
TPC 13. Harmonic Distortion vs. Output Signal
Amplitude
FREQUENCY – MHz, START = 10kHz, STOP = 30MHz
0.01
0.1
1
10
–30
–40
–50
–60
–70
–80
–90
–100
VS = 5V
RI = RL = 1k
VO = 2V p-p
G = +2
S1 2ND HARMONIC/
DUAL
2.5V SUPPLY
S1 3RD HARMONIC/
SINGLE +5V SUPPLY
S1 2ND HARMONIC/
SINGLE +5V SUPPLY
S1 3RD HARMONIC/
DUAL
2.5V SUPPLY
–110
TPC 14. Harmonic Distortion vs. Frequency
TIME –
s
0.7
0
0.20
1.0
0.9
0.8
0.6
0.5
0.4
0.3
0.10
0
0.1
0.2
0.30
0.40
0.50
VS = 5V
RL = 1k
G = 1
TPC 15. 400 mV Pulse Response
1ST 2ND 3RD 4TH 5TH 6TH 7TH 8TH 9TH 10TH 11TH
0.02
0.00
–0.02
–0.04
–0.06
0.01
0.00
–0.01
–0.02
–0.04
–0.06
1ST 2ND 3RD 4TH 5TH 6TH 7TH 8TH 9TH 10TH 11TH
TPC 16. Differential Gain and Phase Error, G = 2,
NTSC Input Signal, RL = 1 k
Ω, VS = 5 V
1ST 2ND 3RD 4TH 5TH 6TH 7TH 8TH 9TH 10TH 11TH
0.04
0.03
0.02
0.01
0.00
0.010
0.005
0.000
–0.005
–0.010
–0.01
–0.02
1ST 2ND 3RD 4TH 5TH 6TH 7TH 8TH 9TH 10TH 11TH
TPC 17. Differential Gain and Phase Error, G = 2,
NTSC Input Signal, RL = 150
Ω, VS = 5 V
OUTPUT STEP AMPLITUDE – V
1000
500
700
1.0
900
800
600
1.5
2.0
2.5
3.0
400
FALLING EDGE
RISING EDGE
100
300
200
0
VS = 5V
RL = 1k
G = 1
TPC 18. Slew Rate vs. Output Step Amplitude


Similar Part No. - AD8061ART-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8061ART-REEL7 AD-AD8061ART-REEL7 Datasheet
452Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. D
AD8061ART-REEL7 AD-AD8061ART-REEL7 Datasheet
530Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. E
More results

Similar Description - AD8061ART-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8061 AD-AD8061_07 Datasheet
530Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. E
AD8061 AD-AD8061_15 Datasheet
393Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. J
AD8062 AD-AD8062_15 Datasheet
393Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. J
AD8063 AD-AD8063_15 Datasheet
393Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. J
AD8061 AD-AD8061_05 Datasheet
452Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. D
AD8648 AD-AD8648 Datasheet
339Kb / 12P
   Low Cost, 24 MHz, Rail-to-Rail, Quad Amplifiers
REV. 0
AD8091 AD-AD8091 Datasheet
229Kb / 16P
   Low-Cost, High-Speed Rail-to-Rail Amplifiers
REV. A
AD8051 AD-AD8051 Datasheet
267Kb / 16P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. B
AD8051 AD-AD8051_07 Datasheet
561Kb / 24P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. H
AD8091 AD-AD8091_07 Datasheet
413Kb / 20P
   Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com