Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD812AR Datasheet(PDF) 6 Page - Analog Devices

Part # AD812AR
Description  Dual, Current Feedback Low Power Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD812AR Datasheet(HTML) 6 Page - Analog Devices

Back Button AD812AR Datasheet HTML 2Page - Analog Devices AD812AR Datasheet HTML 3Page - Analog Devices AD812AR Datasheet HTML 4Page - Analog Devices AD812AR Datasheet HTML 5Page - Analog Devices AD812AR Datasheet HTML 6Page - Analog Devices AD812AR Datasheet HTML 7Page - Analog Devices AD812AR Datasheet HTML 8Page - Analog Devices AD812AR Datasheet HTML 9Page - Analog Devices AD812AR Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
20
0
020
15
5
5
10
10
15
SUPPLY VOLTAGE –
Volts
Figure 4. Input Common-Mode Voltage Range vs. Supply
Voltage
20
0
020
15
5
5
10
10
15
SUPPLY VOLTAGE –
Volts
RL = 150
NO LOAD
Figure 5. Output Voltage Swing vs. Supply Voltage
30
15
0
10
100
10k
1k
10
5
20
25
LOAD RESISTANCE –
15V SUPPLY
5V SUPPLY
Figure 6. Output Voltage Swing vs. Load Resistance
16
4
10
6
8
14
12
140
–40
–60
120
80
60
40
100
20
0
–20
JUNCTION TEMPERATURE – C
VS = 15V
VS = 5V
Figure 7. Total Supply Current vs. Junction Temperature
10
5
8
6
7
9
16
2
0
14
12
10
8
6
4
SUPPLY VOLTAGE –
Volts
TA = +25 C
Figure 8. Total Supply Current vs. Supply Voltage
25
–25
–10
–20
–15
5
–5
0
10
15
20
–60
140
–40
120
100
80
60
40
20
0
–20
JUNCTION TEMPERATURE – C
–IB, VS = 15V
+IB, VS = 5V, 15V
–IB, VS = 5V
Figure 9. Input Bias Current vs. Junction Temperature
AD812–Typical Performance Characteristics
REV. B
–6–


Similar Part No. - AD812AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD812AR AD-AD812AR Datasheet
358Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD812AR-REEL AD-AD812AR-REEL Datasheet
358Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD812AR-REEL7 AD-AD812AR-REEL7 Datasheet
358Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD812ARZ AD-AD812ARZ Datasheet
358Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
More results

Similar Description - AD812AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD812 AD-AD812_15 Datasheet
376Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD812ANZ AD-AD812ANZ Datasheet
358Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
AD812ARZ AD-AD812ARZ Datasheet
358Kb / 16P
   Dual, Current Feedback Low Power Op Amp
REV. B
logo
National Semiconductor ...
CLC5802 NSC-CLC5802 Datasheet
420Kb / 12P
   Dual Low-Noise, Voltage Feedback Op Amp
logo
ON Semiconductor
NCS2511 ONSEMI-NCS2511 Datasheet
183Kb / 12P
   1 GHz Current Feedback Op Amp
May, 2006 ??Rev. 2
logo
National Semiconductor ...
CLC446 NSC-CLC446 Datasheet
157Kb / 12P
   400MHz, 50mW Current-Feedback Op Amp
logo
ON Semiconductor
NCS2510 ONSEMI-NCS2510_06 Datasheet
121Kb / 12P
   1.4 GHz Current Feedback Op Amp
March, 2006 ??Rev. 1
logo
National Semiconductor ...
CLC428 NSC-CLC428 Datasheet
898Kb / 8P
   Dual Wideband, Low-Noise, Voltage Feedback Op Amp
logo
Texas Instruments
LMH6628QML TI1-LMH6628QML_13 Datasheet
545Kb / 20P
[Old version datasheet]   Dual Wideband, Low Noise, Voltage Feedback Op Amp
logo
National Semiconductor ...
LMH6628 NSC-LMH6628 Datasheet
513Kb / 11P
   Dual Wideband, Low Noise, Voltage Feedback Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com