Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8073JR Datasheet(PDF) 4 Page - Analog Devices

Part # AD8073JR
Description  Low Cost, Dual/Triple Video Amplifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8073JR Datasheet(HTML) 4 Page - Analog Devices

  AD8073JR Datasheet HTML 1Page - Analog Devices AD8073JR Datasheet HTML 2Page - Analog Devices AD8073JR Datasheet HTML 3Page - Analog Devices AD8073JR Datasheet HTML 4Page - Analog Devices AD8073JR Datasheet HTML 5Page - Analog Devices AD8073JR Datasheet HTML 6Page - Analog Devices AD8073JR Datasheet HTML 7Page - Analog Devices AD8073JR Datasheet HTML 8Page - Analog Devices AD8073JR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
REV. A
AD8072/AD8073
–4–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD8072 and AD8073 feature proprietary ESD protection circuitry, permanent
damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper
ESD precautions are recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13.2 V
Internal Power Dissipation2
AD8072 8-Lead Plastic (N) . . . . . . . . . . . . . . . . . 1.3 Watts
AD8072 8-Lead Small Outline (SO-8) . . . . . . . . . 0.9 Watts
AD8072 8-Lead
µSOIC (RM) . . . . . . . . . . . . . . . 0.6 Watts
AD8073 14-Lead Plastic (N) . . . . . . . . . . . . . . . . 1.6 Watts
AD8073 14-Lead Small Outline (R) . . . . . . . . . . . 1.0 Watts
Input Voltage (Common Mode) . . . . . . . . . . . . . . . . . . . .
±V
S
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . .
±1.25 V
Output Short Circuit Duration . . . . . . . . . . . . . . . . . . . . . . . .
Observe Power Derating Curves
Storage Temperature Range
N, R, RM Packages . . . . . . . . . . . . . . . . . –65
°C to +125°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . . +300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Specification is for device in free air:
8-Lead Plastic Package:
θ
JA = 90
°C/W
8-Lead SOIC Package:
θ
JA = 140
°C/W
8-Lead
µSOIC Package: θ
JA = 214
°C/W
14-Lead Plastic Package:
θ
JA = 75
°C/W
14-Lead SOIC Package:
θ
JA = 120
°C/W
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD8072ARM
–40
°C to +85°C 8-Lead µSOIC
RM-8
AD8072ARM-REEL
–40
°C to +85°C 13" Reel 8-Lead µSOIC RM-8
AD8072ARM-REEL7 –40
°C to +85°C 7" Reel 8-Lead µSOIC RM-8
AD8072JN
0
°C to +70°C
8-Lead Plastic DIP
N-8
AD8072JR
0
°C to +70°C
8-Lead SOIC
SO-8
AD8072JR-REEL
0
°C to +70°C
13" Reel 8-Lead SOIC
SO-8
AD8072JR-REEL7
0
°C to +70°C
7" Reel 8-Lead SOIC
SO-8
AD8073JN
0
°C to +70°C
14-Lead Plastic DIP
N-14
AD8073JR
0
°C to +70°C
14-Lead Narrow SOIC R-14
AD8073JR-REEL
0
°C to +70°C
13" Reel 14-Lead SOIC R-14
AD8073JR-REEL7
0
°C to +70°C
7" Reel 14-Lead SOIC
R-14
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the
AD8072 and AD8073 is limited by the associated rise in junc-
tion temperature. The maximum safe junction temperature for
plastic encapsulated devices is determined by the glass transition
temperature of the plastic, approximately +150
°C. Exceeding
this limit temporarily may cause a shift in parametric perfor-
mance due to a change in the stresses exerted on the die by the
package. Exceeding a junction temperature of +175
°C for an
extended period can result in device failure.
While the AD8072 and AD8073 are internally short circuit pro-
tected, this may not be sufficient to guarantee that the maximum
junction temperature (+150
°C) is not exceeded under all condi-
tions. To ensure proper operation, it is necessary to observe the
maximum power derating curves shown in Figures 2 and 3.
AMBIENT TEMPERATURE – C
2.0
1.5
0
–50
90
–40 –30 –20 –10
0
1020
30
50 60
7080
40
1.0
0.5
8-LEAD MINI-DIP PACKAGE
8-LEAD SOIC PACKAGE
TJ = 150 C
SOIC
Figure 2. AD8072 Maximum Power Dissipation vs.
Temperature
AMBIENT TEMPERATURE – C
2.5
2.0
0.5
–50
90
–40 –30 –20 –10 0
1020
3040 50
60
80
1.5
1.0
70
14-LEAD SOIC
14-LEAD DIP PACKAGE
TJ = 150 C
Figure 3. AD8073 Maximum Power Dissipation vs.
Temperature
WARNING!
ESD SENSITIVE DEVICE


Similar Part No. - AD8073JR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8073JR AD-AD8073JR Datasheet
180Kb / 12P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8073JR AD-AD8073JR Datasheet
369Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8073JR-REEL AD-AD8073JR-REEL Datasheet
180Kb / 12P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8073JR-REEL AD-AD8073JR-REEL Datasheet
369Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8073JR-REEL7 AD-AD8073JR-REEL7 Datasheet
180Kb / 12P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
More results

Similar Description - AD8073JR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8072 AD-AD8072_15 Datasheet
402Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8073 AD-AD8073_15 Datasheet
402Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072ARMZ AD-AD8072ARMZ Datasheet
369Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072ARMZ AD-AD8072ARMZ Datasheet
402Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072 AD-AD8072_02 Datasheet
180Kb / 12P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8073JRZ AD-AD8073JRZ Datasheet
369Kb / 13P
   Low Cost, Dual/Triple Video Amplifiers
REV. D
logo
Linear Technology
LT1253 LINER-LT1253_15 Datasheet
222Kb / 8P
   Low Cost Dual and Quad Video Amplifiers
LT1253 LINER-LT1253 Datasheet
246Kb / 8P
   Low Cost Dual and Quad Video Amplifiers
logo
Elantec Semiconductor
EL2210C ELANTEC-EL2210C Datasheet
190Kb / 12P
   Low Cost, Dual, Triple and Quad Video Op Amps
logo
Intersil Corporation
EL2210 INTERSIL-EL2210 Datasheet
90Kb / 11P
   Low Cost, Dual, Triple and Quad Video Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com