Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3106-01-HVIZ Datasheet(PDF) 1 Page - Vicor Corporation

Part # PI3106-01-HVIZ
Description  18-36V Input, 12V / 4.2A / 50W Output Very High Density Isolated DC-DC Converter (334W/in3)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3106-01-HVIZ Datasheet(HTML) 1 Page - Vicor Corporation

  PI3106-01-HVIZ Datasheet HTML 1Page - Vicor Corporation PI3106-01-HVIZ Datasheet HTML 2Page - Vicor Corporation PI3106-01-HVIZ Datasheet HTML 3Page - Vicor Corporation PI3106-01-HVIZ Datasheet HTML 4Page - Vicor Corporation PI3106-01-HVIZ Datasheet HTML 5Page - Vicor Corporation PI3106-01-HVIZ Datasheet HTML 6Page - Vicor Corporation PI3106-01-HVIZ Datasheet HTML 7Page - Vicor Corporation PI3106-01-HVIZ Datasheet HTML 8Page - Vicor Corporation PI3106-01-HVIZ Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Picor Corporation • picorpower.com
Preliminary PI3106-01-HVIZ
Rev 1.3, Jan 17
th, 2012 Page 1 of 15
PI3106-01-HVIZ
Cool-Power
® Series
18-36V Input, 12V / 4.2A / 50W Output
Very High Density Isolated DC-DC Converter (334W/in
3)
Description
The Cool-Power
®
PI3106-01-HVIZ is a very high
density isolated DC-DC converter implementing a
high efficiency soft-switching power architecture.
The PI3106-01-HVIZ operates over an input range
of 18V to 36Vdc, delivering ~50W of output power
(12Vout @ 4.2A), yielding an unprecedented power
density
of
334W/in
3. The PI3106-01-HVIZ is
available in a space saving surface mountable 0.87”
x 0.65” x 0.265” package, achieving ~50% space
reduction versus conventional solutions.
The switching frequency of 900kHz allows for small
input and output filter components which further
reduces the total size and cost of the overall system
solution. The output voltage is sensed and fed back
to the internal controller using a proprietary isolated
magnetic feedback scheme which allows for high
bandwidth and good common mode noise immunity.
The PI3106-01-HVIZ requires no external feedback
compensation and offers a total solution with a
minimum number of external components. A rich
feature set is offered, including output voltage trim
capability, output over-voltage protection, adjustable
soft-start, over-current protection with auto-restart,
over and under input voltage lockout and a
temperature monitoring and protection function that
provides an analog voltage proportional to the die
temperature as shut down and alarm capabilities.
PI3106-01-HVIZ
18V-36Vin, 12Vout, 4.2A
Very High Density Isolated DC-DC Converter
Features
Efficiency up to 88.5%
High switching frequency minimizes input filter
requirements and reduces output capacitance
Proprietary “Double-Clamped” ZVS Buck-Boost
Topology
Proprietary isolated magnetic feedback
Small footprint (0.57 in
2) enables PCB area
savings
Very low profile (0.26 in)
Industrial input voltage range (18-36Vdc)
On/Off Control, positive logic
+10/-20% Trim
Temperature Monitor (TM) & Over-Temperature
Protection (OTP)
Input UVLO & OVLO and output OVP
Over current protection with auto restart
Adjustable soft-start
Starts up into high capacitive loads
2250V input to output isolation
Applications
Industrial DC-DC power conversion
Package Information
Surface Mountable 0.87” x 0.65” x 0.265”
package
Typical Application Schematic Diagram
Figure 1 Picor PI3106-01-HVIZ Shown With System Fuse,
Filter, Decoupling And Extended Soft Start
PI3106-01-HVIZ


Similar Part No. - PI3106-01-HVIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3106-01-HVIZ VICOR-PI3106-01-HVIZ Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3106-01-HVIZ VICOR-PI3106-01-HVIZ Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3106-01-HVIZ VICOR-PI3106-01-HVIZ Datasheet
4Mb / 26P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3106-01-HVIZ VICOR-PI3106-01-HVIZ Datasheet
2Mb / 18P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3106-01-HVIZ VICOR-PI3106-01-HVIZ Datasheet
1Mb / 26P
   28VIN, 3.3 to 15VOUT, ZVS Isolated Converter Module Family
More results

Similar Description - PI3106-01-HVIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3106 VICOR-PI3106_00 Datasheet
552Kb / 15P
   16-50V Input, 12V / 4.2A / 50W Output Very High Density Isolated DC-DC Converter (334W/in3)
PI3101 VICOR-PI3101 Datasheet
1Mb / 18P
   36-75V Input, 3.3V / 18A / 60W Output Very High Density Isolated DC-DC Converter (400W/in3)
logo
MORNSUN Science& Techno...
URF1D03QB-50W MORNSUN-URF1D03QB-50W Datasheet
1Mb / 8P
   50W, wide input voltage, isolated & regulated single output DC-DC converter
logo
Bel Fuse Inc.
V7PF-15A1AC BEL-V7PF-15A1AC Datasheet
287Kb / 8P
   NON-ISOLATED DC/DC CONVERTER 12V Input 1.2V-5.0V/15A Output
logo
GAPTEC Electronic GmbH ...
50-75-100QBR GAPTEC-50-75-100QBR Datasheet
2Mb / 6P
   50W/75W/100W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
Minmax Technology Co., ...
MKW50 MINMAX-MKW50 Datasheet
452Kb / 9P
   DC/DC CONVERTER 50W, Highest Power Density
logo
GAPTEC Electronic GmbH ...
50ACP GAPTEC-50ACP Datasheet
936Kb / 3P
   50W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
logo
Minmax Technology Co., ...
MKWI50 MINMAX-MKWI50 Datasheet
379Kb / 8P
   DC/DC CONVERTER 50W Highest Power Density Smallest encapsulated 50W Converter
MKW50 MINMAX-MKW50_15 Datasheet
777Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
MKWI50 MINMAX-MKWI50_15 Datasheet
842Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com