Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IB054Q096T64P3-00 Datasheet(PDF) 8 Page - Vicor Corporation

Part # IB054Q096T64P3-00
Description  5:1 Intermediate Bus Converter Module: Up to 650 W Output
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

IB054Q096T64P3-00 Datasheet(HTML) 8 Page - Vicor Corporation

Back Button IB054Q096T64P3-00 Datasheet HTML 4Page - Vicor Corporation IB054Q096T64P3-00 Datasheet HTML 5Page - Vicor Corporation IB054Q096T64P3-00 Datasheet HTML 6Page - Vicor Corporation IB054Q096T64P3-00 Datasheet HTML 7Page - Vicor Corporation IB054Q096T64P3-00 Datasheet HTML 8Page - Vicor Corporation IB054Q096T64P3-00 Datasheet HTML 9Page - Vicor Corporation IB054Q096T64P3-00 Datasheet HTML 10Page - Vicor Corporation IB054Q096T64P3-00 Datasheet HTML 11Page - Vicor Corporation IB054Q096T64P3-00 Datasheet HTML 12Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
IB054Q096T64N1-00
IBC MODULE
Rev 1.3
vicorpower.com
Page 8 of 14
11/2012
800 735.6200
SPECIFICATIONS (CONT.)
Output Current Derating
Ambient Air Temperature (°C)
200 LFM
400 LFM
600 LFM
70
60
50
40
30
20
10
0
25
35
45
55
65
75
85
95
Figure 19 — Maximum output power derating vs ambient air temperature.
Transverse airflow, Board and junction temperatures <125 °C.
Tested with IBC evaluation board IB054Q096T64N1-CB
Output Current Derating
Ambient Air Temperature (°C)
200 LFM
400 LFM
600 LFM
70
60
50
40
30
20
10
0
25
35
45
55
65
75
85
95
Figure 20 — Maximum output power derating vs ambient air temperature.
Longitudinal airflow, Board and junction temperatures <125 °C.
Tested with IBC evaluation board IB054Q096T64N1-CB
Vsource
+
_
Current Probe
47 µF
IBC
+IN
EN
–IN
+OUT
–OUT
C*
*Maximum load capacitance
Figure 21 — Test circuit; inrush current overshoot
Vsource
+
_
Current Probe
470 µF
IBC
+IN
EN
–IN
+OUT
–OUT
10 µH
Figure 22 — Test circuit; input reflected ripple current
WAVEFORMS (CONT.)
+IN
–IN
+OUT
–OUT
IBC
E – Load
Cy
= 4700 pF
20 MHz BW
10 µF
0.1 µF
Cyb
Cyd
Cyc
Cya
a-d
Figure 23 — Test circuit; output voltage ripple


Similar Part No. - IB054Q096T64P3-00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB054Q096T70N1-00 VICOR-IB054Q096T70N1-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 750 W Output
IB054Q096T70N1-00 VICOR-IB054Q096T70N1-00 Datasheet
918Kb / 18P
   5:1 Intermediate Bus Converter Module: Up to 750W Output
IB054Q096T70N1-BP VICOR-IB054Q096T70N1-BP Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 750 W Output
IB054Q096T70N1-BP VICOR-IB054Q096T70N1-BP Datasheet
918Kb / 18P
   5:1 Intermediate Bus Converter Module: Up to 750W Output
IB054Q096T70N2-00 VICOR-IB054Q096T70N2-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 750 W Output
More results

Similar Description - IB054Q096T64P3-00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB048Q096T64N1-00 VICOR-IB048Q096T64N1-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 650 W Output
IB050Q120T53N1-00 VICOR-IB050Q120T53N1-00 Datasheet
2Mb / 14P
   4:1 Intermediate Bus Converter Module: Up to 650 W Output
IB048Q120T53N1-00 VICOR-IB048Q120T53N1-00 Datasheet
1Mb / 14P
   4:1 Intermediate Bus Converter Module: Up to 650 W Output
IB054Q120T53N1-00 VICOR-IB054Q120T53N1-00 Datasheet
1Mb / 14P
   4:1 Intermediate Bus Converter Module: Up to 650 W Output
IB054E096T40N1-00 VICOR-IB054E096T40N1-00 Datasheet
977Kb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB050E096T40N1-00 VICOR-IB050E096T40N1-00 Datasheet
1Mb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB050Q096T70N1-00 VICOR-IB050Q096T70N1-00 Datasheet
2Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 750 W Output
IB048E096T40N1-00 VICOR-IB048E096T40N1-00 Datasheet
1Mb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB048E096T48N1-00 VICOR-IB048E096T48N1-00 Datasheet
992Kb / 13P
   5:1 Intermediate Bus Converter Module: Up to 500 W Output
IB050E096T48N1-00 VICOR-IB050E096T48N1-00 Datasheet
1Mb / 13P
   5:1 Intermediate Bus Converter Module: Up to 500 W Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com