Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IB054E096T48P1-00 Datasheet(PDF) 3 Page - Vicor Corporation

Part # IB054E096T48P1-00
Description  5:1 Intermediate Bus Converter Module: Up to 500 W Output
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

IB054E096T48P1-00 Datasheet(HTML) 3 Page - Vicor Corporation

  IB054E096T48P1-00 Datasheet HTML 1Page - Vicor Corporation IB054E096T48P1-00 Datasheet HTML 2Page - Vicor Corporation IB054E096T48P1-00 Datasheet HTML 3Page - Vicor Corporation IB054E096T48P1-00 Datasheet HTML 4Page - Vicor Corporation IB054E096T48P1-00 Datasheet HTML 5Page - Vicor Corporation IB054E096T48P1-00 Datasheet HTML 6Page - Vicor Corporation IB054E096T48P1-00 Datasheet HTML 7Page - Vicor Corporation IB054E096T48P1-00 Datasheet HTML 8Page - Vicor Corporation IB054E096T48P1-00 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
IBC MODULE
Rev 1.1
vicorpower.com
Page 3 of 13
10/2012
800 735.6200
IB054E096T48N1-00
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
OUTPUT (Continued)
Current share accuracy
Full power operation; See Parallel Operation
10
%
on page 11; up to 3 units
Efficiency
50% load
See Figure 1,2 and 3
97.5
98.0
%
Full load
See Figure 1,2 and 3
96.9
97.1
%
Internal output inductance
1.6
nH
Internal output capacitance
55
μF
Load capacitance
Nominal load
0
4500
μF
Output OVP set point
Module will shutdown
15.2
15.9
Vdc
Output voltage ripple
20 MHz bandwidth, using test circuit in
60
150
mVp-p
Figure 23
Of Iout max., will not shutdown when started
Output Overload protection threshold
into max Cout and 15% load
105
150
%
Auto restart with duty cycle <10%
Over current protection time constant
5
ms
Short circuit current response time
1.5
µs
Switching frequency
1.0
MHz
Transient Response
Voltage overshoot
25% load step; See Figures 11 - 14
100
mV
using test set up in Figure 24
Response time
See Figures 11 - 14 using test set up in Figure 24
1
µs
VIN step
5 V step in 1 µs within Vin operating range
1.25
V
Pre-bias voltage
Unit will start up
0
12
Vdc
into pre-bias voltage on output
Electrical Characteristics (Continued)
SPECIFICATIONS (CONT.)
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
MTBF
Calculated per Telcordia SR-332, 40 °C
1.0
Mhrs
Service life
Calculated at 30 °C
7
Years
Over temperature shut down
TJ; Converter will reset when over
125
130
135
°C
temperature condition is removed
Dielectric withstand
Input to output
2,250
Vdc
Insulation resistance
Input to output
30
M
Ω
Mechanical
Weight
0.71 / 20.3
oz/g
Length
2.30/ 58.4
in / mm
Width
0.9 / 22.9
in / mm
Height above customer board
0.38/ 9.5
in / mm
Clearance to customer board
From lowest component on IBC
0.12/ 3.0
in / mm
Agency approvals
UL / cUL 60950-1, EN 60950-1, IEC 60950-1
cTUVus
Low voltage directive (CE Mark)
CE
Altitude, operating
Derate operating temp 1 °C
-500
10,000
Feet
per 1,000 feet above sea level
Relative humidity, Operating
Non condensing
10
90
%
RoHS compliance
Compatible with RoHS directive 2002 / 95 / EC
General Characteristics
All specifications valid at 48 VIN , 100% rated load and 25 °C ambient, unless otherwise indicated.
Conditions: 25 °C case, 75% rated load and specified input voltage range unless otherwise specified.


Similar Part No. - IB054E096T48P1-00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB054E096T40N1-00 VICOR-IB054E096T40N1-00 Datasheet
977Kb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB054E096T40N100 VICOR-IB054E096T40N100 Datasheet
1Mb / 16P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB054E096T40N2-00 VICOR-IB054E096T40N2-00 Datasheet
977Kb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB054E096T40N200 VICOR-IB054E096T40N200 Datasheet
1Mb / 16P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB054E096T40N3-00 VICOR-IB054E096T40N3-00 Datasheet
977Kb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
More results

Similar Description - IB054E096T48P1-00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB048E096T48N1-00 VICOR-IB048E096T48N1-00 Datasheet
992Kb / 13P
   5:1 Intermediate Bus Converter Module: Up to 500 W Output
IB050E096T48N1-00 VICOR-IB050E096T48N1-00 Datasheet
1Mb / 13P
   5:1 Intermediate Bus Converter Module: Up to 500 W Output
IB048E120T40N1-00 VICOR-IB048E120T40N1-00_14 Datasheet
3Mb / 16P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
IB050E120T40N1-00 VICOR-IB050E120T40N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
IB048E120T40N1-00 VICOR-IB048E120T40N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
IB054E120T40N1-00 VICOR-IB054E120T40N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
IB054E096T40N1-00 VICOR-IB054E096T40N1-00 Datasheet
977Kb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB050E096T40N1-00 VICOR-IB050E096T40N1-00 Datasheet
1Mb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB054Q096T64N1-00 VICOR-IB054Q096T64N1-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 650 W Output
IB050Q096T70N1-00 VICOR-IB050Q096T70N1-00 Datasheet
2Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 750 W Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com