Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD808 Datasheet(PDF) 6 Page - Analog Devices

Part No. AD808
Description  Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD808 Datasheet(HTML) 6 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD808–Typical Performance Characteristics
90000
80000
0
40000
30000
20000
10000
60000
50000
70000
SIGNAL DETECT VOLTAGE – mV
16
6
8
10
12
14
4
Figure 5. Signal Detect Voltage vs. RTHRESH
TEMPERATURE – C
–40
95
–20
0
20
40
60
80
8.0
4.0
7.5
6.0
5.5
5.0
4.5
7.0
6.5
RTH = 5k
RTH = 7k
RTH = 0
Figure 6. Signal Detect Hysteresis vs. Temperature
STATIC PHASE – Degrees
0
08
17
25
33
42
50
58
12
8
2
10
6
4
Figure 7. Histogram of Static Phase –40 @ 4.4 V
REV. 0
–6–
LOS HYSTERESIS – dB
0
2.00
2.67
3.33
4.00
4.67
5.33
6.00
6.67
180
120
80
40
20
160
140
100
60
Figure 8. Histogram LOS Hysteresis 22.1 k
Ω R
THRESH
(All Temperature All Supply)
JITTER – Degrees
200
0
1.44
1.80
2.16
2.52
2.88
3.24
3.60
3.96
180
120
80
40
20
160
140
100
60
TEST CONDITIONS
WORST CASE:
–40 C
Figure 9. Output Jitter Histogram
JITTER FREQUENCY – Hz
100
10
0.1
1
10M
10
100
1k
10k
100k
1M
1
SONET MASK
85 C
25 C
–40 C
Figure 10. Jitter Tolerance vs. Frequency


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn