Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO6422 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AO6422
Description  20V N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO6422 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AO6422_12 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO6422_12 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO6422_12 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO6422_12 Datasheet HTML 4Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AO6422
Symbol
Min
Typ
Max
Units
BVDSS
20
V
1
TJ = 55°C
5
IGSS
±100
nA
VGS(th)
0.4
0.65
1
V
ID(ON)
30
A
35
44
TJ=125°C
48
60
43
55
m
55
72
m
gFS
14
S
VSD
0.8
1
V
IS
2
A
Ciss
450
560
pF
Coss
74
pF
Crss
52
pF
Rg
4.9
7.5
Qg (4.5V)
6.2
8.2
nC
Qgs
0.4
nC
Qgd
1.3
nC
tD(on)
4.5
ns
Drain-Source Breakdown Voltage
On state drain current
ID = 250µA, VGS = 0V
VGS = 4.5V, VDS = 5V
VGS = 4.5V, ID = 5.0A
Reverse Transfer Capacitance
Zero Gate Voltage Drain Current
Gate-Body leakage current
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
RDS(ON)
Static Drain-Source On-Resistance
Forward Transconductance
Diode Forward Voltage
IDSS
µA
Gate Threshold Voltage
VDS = VGS ID = 250µA
VDS = 20V, VGS = 0V
VDS = 0V, VGS = ±8V
m
IS = 1A,VGS = 0V
VDS = 5V, ID = 5.0A
VGS = 2.5V, ID = 4.5A
VGS = 1.8V, ID = 3.5A
Turn-On DelayTime
SWITCHING PARAMETERS
Total Gate Charge
Gate Source Charge
Gate Drain Charge
VGS= 4.5V, VDS= 10V, ID= 5A
DYNAMIC PARAMETERS
Maximum Body-Diode Continuous Current
Gate resistance
VGS=0V, VDS=0V, f=1MHz
VGS=0V, VDS=10V, f=1MHz
Input Capacitance
Output Capacitance
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com
tD(on)
4.5
ns
tr
6
ns
tD(off)
33
ns
tf
7.1
ns
trr
13
17
ns
Qrr
3.3
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery Time
Body Diode Reverse Recovery Charge IF=5A, dI/dt=100A/µs
IF=5A, dI/dt=100A/µs
Turn-On Rise Time
Turn-Off DelayTime
VGS=4.5V, VDS=10V, RL=2Ω,
RGEN=3Ω
Turn-Off Fall Time
Turn-On DelayTime
A: The value of R θJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A = 25°C. in
any given application depends on the user's specific board design. The current rating is based on the t ≤10s thermal resistance rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead R θJL and lead to ambient.
D. The static characteristics in Figures 1 to 6 are obtained using t ≤ 300
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in 2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The SOA
curve provides a single pulse rating.
Rev2: Feb. 2012
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AO6422_12

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO6422-HF KEXIN-AO6422-HF Datasheet
1Mb / 4P
   N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO6422L AOSMD-AO6422L Datasheet
204Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - AO6422_12

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON2408 AOSMD-AON2408 Datasheet
241Kb / 5P
   20V N-Channel MOSFET
AOL1404 AOSMD-AOL1404 Datasheet
236Kb / 6P
   20V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2318E GOOD-ARK-SSF2318E Datasheet
323Kb / 4P
   20V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO7414 AOSMD-AO7414_13 Datasheet
1Mb / 4P
   20V N-Channel MOSFET
AON3816 AOSMD-AON3816_10 Datasheet
374Kb / 5P
   20V N-Channel MOSFET
AON7436 AOSMD-AON7436 Datasheet
391Kb / 6P
   20V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF22A5E GOOD-ARK-SSF22A5E_15 Datasheet
941Kb / 5P
   20V N-Channel MOSFET
SSF2160G4 GOOD-ARK-SSF2160G4_15 Datasheet
953Kb / 8P
   20V N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com