Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO6408 Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AO6408
Description  20V N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO6408 Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AO6408 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO6408 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO6408 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO6408 Datasheet HTML 4Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AO6408
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
1
2
3
4
5
0
4
8
12
16
20
Q
g (nC)
Figure 7: Gate-Charge Characteristics
0
400
800
1200
1600
2000
2400
2800
0
5
10
15
20
V
DS (Volts)
Figure 8: Capacitance Characteristics
C
iss
0
10
20
30
40
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-
to-Ambient (Note E)
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance
C
oss
C
rss
0.1
1.0
10.0
100.0
0.1
1
10
100
V
DS (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area (Note E)
100
µs
10ms
1ms
0.1s
1s
10s
DC
R
DS(ON)
limited
T
J(Max)=150°C
T
A=25°C
10
µs
V
DS=10V
I
D=8.8A
Single Pulse
D=T
on/T
T
J,PK=TA+PDM.Z
θJA.RθJA
RθJA=62.5°C/W
T
on
T
P
D
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
T
J(Max)=150°C
T
A=25°C
Rev4: September 2010
www.aosmd.com
Page 4 of 4


Similar Part No. - AO6408

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO6408 AOSMD-AO6408 Datasheet
143Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
AO6408 KEXIN-AO6408 Datasheet
1Mb / 4P
   N-Channel MOSFET
AO6408-HF KEXIN-AO6408-HF Datasheet
1Mb / 4P
   N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO6408L AOSMD-AO6408L Datasheet
143Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - AO6408

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON2408 AOSMD-AON2408 Datasheet
241Kb / 5P
   20V N-Channel MOSFET
AOL1404 AOSMD-AOL1404 Datasheet
236Kb / 6P
   20V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2318E GOOD-ARK-SSF2318E Datasheet
323Kb / 4P
   20V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO7414 AOSMD-AO7414_13 Datasheet
1Mb / 4P
   20V N-Channel MOSFET
AON3816 AOSMD-AON3816_10 Datasheet
374Kb / 5P
   20V N-Channel MOSFET
AON7436 AOSMD-AON7436 Datasheet
391Kb / 6P
   20V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF22A5E GOOD-ARK-SSF22A5E_15 Datasheet
941Kb / 5P
   20V N-Channel MOSFET
SSF2160G4 GOOD-ARK-SSF2160G4_15 Datasheet
953Kb / 8P
   20V N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com