Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO6405 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AO6405
Description  30V P-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO6405 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AO6405_11 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO6405_11 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO6405_11 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO6405_11 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO6405_11 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AO6405
Symbol
Min
Typ
Max
Units
BVDSS
-30
V
VDS=-30V, VGS=0V
-1
TJ=55°C
-5
IGSS
±100
nA
VGS(th)
Gate Threshold Voltage
-1.4
-1.9
-2.4
V
ID(ON)
-20
A
34
52
TJ=125°C
52
70
54
87
m
gFS
10
S
VSD
-0.7
-1
V
IS
-2.5
A
Ciss
520
pF
Coss
100
pF
Crss
65
pF
Rg
3.5
7.5
11.5
Qg(10V)
9.2
11
nC
Qg(4.5V)
4.6
6
nC
Qgs
1.6
nC
Qgd
2.2
nC
tD(on)
7.5
ns
t
5.5
ns
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
Turn-On Rise Time
V
=-10V, V =-15V, R =3
Ω,
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Reverse Transfer Capacitance
Total Gate Charge
VGS=-10V, VDS=-15V, ID=-5A
Gate Source Charge
Gate Drain Charge
Total Gate Charge
On state drain current
IS=-1A,VGS=0V
VDS=-5V, ID=-5A
VGS=-4.5V, ID=-4A
Forward Transconductance
Diode Forward Voltage
VGS=-10V, VDS=-5V
VGS=-10V, ID=-5A
RDS(ON)
Static Drain-Source On-Resistance
IDSS
µA
VDS=VGS ID=-250µA
VDS=0V, VGS= ±20V
Zero Gate Voltage Drain Current
Gate-Body leakage current
m
VGS=0V, VDS=-15V, f=1MHz
SWITCHING PARAMETERS
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
Drain-Source Breakdown Voltage
ID=-250µA, VGS=0V
tr
5.5
ns
tD(off)
19
ns
tf
7
ns
trr
11
ns
Qrr
5.3
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery Charge IF=-5A, dI/dt=100A/µs
Turn-On Rise Time
Turn-Off DelayTime
VGS=-10V, VDS=-15V, RL=3Ω,
RGEN=3Ω
Turn-Off Fall Time
IF=-5A, dI/dt=100A/µs
Body Diode Reverse Recovery Time
A. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
value in any given application depends on the user's specific board design.
B. The power dissipation P
D is based on TJ(MAX)=150°C, using ≤ 10s junction-to-ambient thermal resistance.
C. Repetitive rating, pulse width limited by junction temperature T
J(MAX)=150°C. Ratings are based on low frequency and duty cycles to keep
initialT
J=25°C.
D. The RθJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-ambient thermal impedence which is measured with the device mounted on 1in2 FR-4 board with
2oz. Copper, assuming a maximum junction temperature of T
J(MAX)=150°C. The SOA curve provides a single pulse rating.
Rev 5: Nov 2011
www.aosmd.com
Page 2 of 5


Similar Part No. - AO6405_11

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO6405-HF KEXIN-AO6405-HF Datasheet
2Mb / 4P
   P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO6405L AOSMD-AO6405L Datasheet
284Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - AO6405_11

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4447A AOSMD-AO4447A Datasheet
194Kb / 5P
   30V P-Channel MOSFET
AO4801A AOSMD-AO4801A_11 Datasheet
279Kb / 5P
   30V P-Channel MOSFET
AON2705 AOSMD-AON2705 Datasheet
398Kb / 6P
   30V P-Channel MOSFET
AOD403 AOSMD-AOD403_11 Datasheet
414Kb / 6P
   30V P-Channel MOSFET
AO4415 AOSMD-AO4415 Datasheet
172Kb / 4P
   30V P-Channel MOSFET
AO3407A AOSMD-AO3407A_11 Datasheet
489Kb / 5P
   30V P-Channel MOSFET
AO3409 AOSMD-AO3409_11 Datasheet
239Kb / 5P
   30V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com