Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDW30G65C5 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IDW30G65C5
Description  ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDW30G65C5 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IDW30G65C5_12 Datasheet HTML 2Page - Infineon Technologies AG IDW30G65C5_12 Datasheet HTML 3Page - Infineon Technologies AG IDW30G65C5_12 Datasheet HTML 4Page - Infineon Technologies AG IDW30G65C5_12 Datasheet HTML 5Page - Infineon Technologies AG IDW30G65C5_12 Datasheet HTML 6Page - Infineon Technologies AG IDW30G65C5_12 Datasheet HTML 7Page - Infineon Technologies AG IDW30G65C5_12 Datasheet HTML 8Page - Infineon Technologies AG IDW30G65C5_12 Datasheet HTML 9Page - Infineon Technologies AG IDW30G65C5_12 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
5
th Generation thinQ!TM SiC Schottky Diode
IDW30G65C5
Electrical characteristics diagrams
Final Data Sheet
6
Rev. 2.2, 2013-01-15
5
Electrical characteristics diagrams
Table 7
Power dissipation
Diode forward current
0
20
40
60
80
100
120
140
160
25
50
75
100
125
150
175
T
C[°C]
0
20
40
60
80
100
120
140
160
180
200
25
50
75
100
125
150
175
T
C[°C]
0.1
0.3
0.5
0.7
1
Ptot=f(TC); RthJC,max
IF=f(TC); Tj≤175°C; RthJC,max; parameter D=duty cycle
Table 8
Typical forward characteristics
Typical forward characteristics in surge current
0
10
20
30
40
50
60
01
23
V
F [V]
0
50
100
150
200
250
300
0123
456
VF [V]
IF=f(VF); tp=200 µs; parameter: Tj
IF=f(VF); tp=200 µs; parameter: Tj
-55°C
175°C
150°C
25°C
100°C
-55°C
25°C
100°C
150°C
175°C


Similar Part No. - IDW30G65C5_12

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDW30G65C5 INFINEON-IDW30G65C5 Datasheet
417Kb / 2P
   650V SiC thinQ!??Generation 5 diodes
09 / 2012
IDW30G65C5 INFINEON-IDW30G65C5 Datasheet
1Mb / 11P
   SiC Silicon Carbide Diode
Rev. 2.2, 2013-01-15
logo
Inchange Semiconductor ...
IDW30G65C5 ISC-IDW30G65C5 Datasheet
324Kb / 2P
   SiC Schottky DIODE
More results

Similar Description - IDW30G65C5_12

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDH09G65C5 INFINEON-IDH09G65C5_12 Datasheet
1Mb / 11P
   ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Rev. 2.2, 2012-12-10
IDH10G65C5 INFINEON-IDH10G65C5_12 Datasheet
1Mb / 11P
   ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Rev. 2.2, 2012-12-10
IDW10G65C5 INFINEON-IDW10G65C5_12 Datasheet
1Mb / 11P
   ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Rev. 2.2, 2013-01-15
IDW20G65C5 INFINEON-IDW20G65C5_12 Datasheet
1Mb / 11P
   ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Rev. 2.2, 2013-01-15
IDH20G65C5 INFINEON-IDH20G65C5_12 Datasheet
1Mb / 11P
   ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Rev. 2.2, 2012-12-10
IDW16G65C5 INFINEON-IDW16G65C5_12 Datasheet
1Mb / 11P
   ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Rev. 2.2, 2013-01-15
IDW12G65C5 INFINEON-IDW12G65C5_12 Datasheet
1Mb / 11P
   ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Rev. 2.2, 2013-01-15
IDH05G65C5 INFINEON-IDH05G65C5_12 Datasheet
1Mb / 11P
   ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Rev. 2.2, 2012-12-10
IDW40G65C5 INFINEON-IDW40G65C5_12 Datasheet
1Mb / 11P
   ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Rev. 2.2, 2013-01-15
IDH04G65C5 INFINEON-IDH04G65C5_12 Datasheet
1Mb / 13P
   ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Rev. 2.2, 2012-12-10
IDH06G65C5 INFINEON-IDH06G65C5_12 Datasheet
1Mb / 11P
   ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Rev. 2.2, 2012-12-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com