Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8042AN Datasheet(PDF) 11 Page - Analog Devices

Part # AD8042AN
Description  Dual 160 MHz Rail-to-Rail Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8042AN Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8042AN Datasheet HTML 7Page - Analog Devices AD8042AN Datasheet HTML 8Page - Analog Devices AD8042AN Datasheet HTML 9Page - Analog Devices AD8042AN Datasheet HTML 10Page - Analog Devices AD8042AN Datasheet HTML 11Page - Analog Devices AD8042AN Datasheet HTML 12Page - Analog Devices AD8042AN Datasheet HTML 13Page - Analog Devices AD8042AN Datasheet HTML 14Page - Analog Devices AD8042AN Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV. C
AD8042
–11–
OVERDRIVE RECOVERY
Overdrive of an amplifier occurs when the output and/or input
range are exceeded. The amplifier must recover from this over-
drive condition. As shown in Figure 4, the AD8042 recovers
within 30 ns from negative overdrive and within 25 ns from
positive overdrive.
+5V
+2.5V
0V
50ns
1V
VS = +5V
VIN= +5V p-p
G = +2
RL = 1k
TO +2.5V
Figure 4. Overdrive Recovery
CIRCUIT DESCRIPTION
The AD8042 is fabricated on Analog Devices’ proprietary
eXtra-Fast Complementary Bipolar (XFCB) process which
enables the construction of PNP and NPN transistors with
similar fTs in the 2 GHz to 4 GHz region. The process is dielec-
trically isolated to eliminate the parasitic and latch-up problems
caused by junction isolation. These features allow the construc-
tion of high frequency, low distortion amplifiers with low supply
currents. This design uses a differential output input stage to
maximize bandwidth and headroom (see Figure 5). The smaller
signal swings required on the first stage outputs (nodes S1P,
S1N) reduce the effect of nonlinear currents due to junction
capacitances and improve the distortion performance. With this
design harmonic distortion of better than –77 dB @ 1 MHz into
100
W with VOUT = 2 V p-p (Gain = +2) on a single 5 V supply
is achieved.
SIN
R21
R3
VEE
Q11
Q3
I10
R26
R39
Q5
Q4
Q40
I7
R2
R15
Q13
Q17
R5
C7
Q2
SIP
Q22
Q7
Q21
Q24
R23 R27
I2
I 3
I1
Q51
Q25
Q50
Q39
Q47
Q27
Q31
Q23
I9
I5
VEE
VCC
I8
Q36
Q8
VOUT
C3
C9
VCC
VINP
VINN
VEE
Figure 5. AD8042 Simplified Schematic
The AD8042’s rail-to-rail output range is provided by a
complementary common-emitter output stage. High output drive
capability is provided by injecting all output stage predriver cur-
rents directly into the bases of the output devices Q8 and Q36.
Biasing of Q8 and Q36 is accomplished by I8 and I5, along with
a common-mode feedback loop (not shown). This circuit topol-
ogy allows the AD8042 to drive 40 mA of output current with
the outputs within 0.5 V of the supply rails.
On the input side, the device can handle voltages from 0.2 V
below the negative rail to within 1.2 V of the positive rail.
Exceeding these values will not cause phase reversal; however,
the input ESD devices will begin to conduct if the input volt-
ages exceed the rails by greater than 0.5 V.
DRIVING CAPACITIVE LOADS
The capacitive load drive of the AD8042 can be increased by
adding a low valued resistor in series with the load. Figure 6
shows the effects of a series resistor on capacitive drive for vary-
ing voltage gains. As the closed-loop gain is increased, the larger
phase margin allows for larger capacitive loads with less over-
shoot. Adding a series resistor with lower closed-loop gains
accomplishes this same effect. For large capacitive loads, the
frequency response of the amplifier will be dominated by the
roll-off of the series resistor and capacitive load.
1000
10
100
12
5
CLOSED-LOOP GAIN (V/V)
34
RS
CL
VS = 5V
200mV STEP WITH 30% OVERSHOOT
RS = 20
RS = 5
RS = 0
Figure 6. Capacitive Load Drive vs. Closed-Loop Gain
Single-Supply Composite Video Line Driver
The two op amps of an AD8042 can be configured as a single-
supply dual line driver for composite video. The wide signal
swing of the AD8042 enables this function to be performed
without using any type of clamping or dc restore circuit which
can cause signal distortion.
Figure 7 shows a schematic for a circuit that is driven by a
single composite video source that is ac coupled, level shifted
and applied to both + inputs of the two amplifiers. Each op amp
provides a separate 75
W composite video output. To obtain
single-supply operation, ac coupling is used throughout. The
large capacitor values are required to ensure that there is minimal
tilting of the video signals due to their low frequency (30 Hz)
signal content. The circuit shown was measured to have a differ-
ential gain of 0.06% and a differential phase of 0.06
∞.
The input is terminated in 75
W and ac coupled via CIN to a
voltage divider that provides the dc bias point to the input.
Setting the optimal bias point requires some understanding of
the nature of composite video signals and the video performance
of the AD8042.


Similar Part No. - AD8042AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8042AN AD-AD8042AN Datasheet
435Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
More results

Similar Description - AD8042AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8042 AD-AD8042_15 Datasheet
556Kb / 17P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042_07 Datasheet
435Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042_06 Datasheet
405Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. D
AD8041 AD-AD8041 Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041_17 Datasheet
311Kb / 18P
   160 MHz Rail-to-Rail Amplifier with Disable
AD8041 AD-AD8041_15 Datasheet
505Kb / 17P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8646 AD-AD8646 Datasheet
475Kb / 12P
   24 MHz Rail-to-Rail Dual Amplifier
REV. 0
logo
List of Unclassifed Man...
5962L9683903VHA ETC-5962L9683903VHA Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
AD8041ANZ ETC-AD8041ANZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
AD8041ARZ ETC1-AD8041ARZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com