Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC81F4332K Datasheet(PDF) 87 Page - Finechips

Part # MC81F4332K
Description  ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINECHIPS [Finechips]
Direct Link  http://www.finechips.com
Logo FINECHIPS - Finechips

MC81F4332K Datasheet(HTML) 87 Page - Finechips

Back Button MC81F4332K Datasheet HTML 83Page - Finechips MC81F4332K Datasheet HTML 84Page - Finechips MC81F4332K Datasheet HTML 85Page - Finechips MC81F4332K Datasheet HTML 86Page - Finechips MC81F4332K Datasheet HTML 87Page - Finechips MC81F4332K Datasheet HTML 88Page - Finechips MC81F4332K Datasheet HTML 89Page - Finechips MC81F4332K Datasheet HTML 90Page - Finechips MC81F4332K Datasheet HTML 91Page - Finechips Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 198 page
background image
MC81F4432
October 19, 2009 Ver.1.35
87
The MC81F4x32 interrupt circuits consist of Interrupt enable register (IENH, IENL), Interrupt request
flags of IRQH, IRQL, Priority circuit, and Master enable flag
(“I” flag of PSW). And 27 interrupt
sources are provided.
The interrupt vector addresses are shown in
„11.6 Interrupt Vector & Priority Table‟ on page 96.
Interrupt enable registers are shown in next paragraph. These registers are composed of interrupt
enable flags of each interrupt source and these flags determine whether an interrupt will be accepted
or not. When the
enable flag is “0”, a corresponding interrupt source is disabled.
Note that PSW contains also a master enable bit, I-flag, which disables all interrupts at once.
11.1 Registers
IENH
INTERRUPT ENABLE HIGH REGISTER
00EAH
7
6
5
4
3
2
1
0
IENH
T0MIE T0OVIE T1MIE
TIOVIE
T2MIE T2OVIE T3MIE T3OVIE
Reset value: 00H
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
T0MIE
Timer 0 Match Interrupt Enable Bit
0: Disable interrupt
1: Enable interrupt
T0OVIE
Timer 0 Overflow Interrupt Enable Bit
0: Disable interrupt
1: Enable interrupt
T1MIE
Timer 1 Match Interrupt Enable Bit
0: Disable interrupt
1: Enable interrupt
T1OVIE
Timer 1 Overflow Interrupt Enable Bit
0: Disable interrupt
1: Enable interrupt
T2MIE
Timer 2 Match Interrupt Enable Bit
0: Disable interrupt
1: Enable interrupt
T2OVIE
Timer 2 Overflow Interrupt Enable Bit
0: Disable interrupt
1: Enable interrupt
T3MIE
Timer 3 Match Interrupt Enable Bit
0: Disable interrupt
1: Enable interrupt
T3OVIE
Timer 3 Overflow Interrupt Enable Bit
0: Disable interrupt
1: Enable interrupt


Similar Part No. - MC81F4332K

ManufacturerPart #DatasheetDescription
logo
Finechips
MC81F4316D FINECHIPS-MC81F4316D Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4316G FINECHIPS-MC81F4316G Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4316K FINECHIPS-MC81F4316K Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4316M FINECHIPS-MC81F4316M Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4316S FINECHIPS-MC81F4316S Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - MC81F4332K

ManufacturerPart #DatasheetDescription
logo
Finechips
MC81F4204 FINECHIPS-MC81F4204 Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4216 FINECHIPS-MC81F4216 Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C2112 HYNIX-GMS81C2112 Datasheet
1Mb / 107P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81004E HYNIX-HMS81004E Datasheet
1Mb / 77P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C5108 HYNIX-GMS81C5108 Datasheet
1Mb / 102P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C7008 HYNIX-GMS81C7008 Datasheet
2Mb / 123P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C320 HYNIX-GMS90C320 Datasheet
683Kb / 46P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C3X HYNIX-GMS90C3X Datasheet
846Kb / 59P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81C4X60 HYNIX-HMS81C4X60 Datasheet
823Kb / 110P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS91C8032 HYNIX-HMS91C8032 Datasheet
2Mb / 157P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com