Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC81F4332K Datasheet(PDF) 29 Page - Finechips

Part # MC81F4332K
Description  ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINECHIPS [Finechips]
Direct Link  http://www.finechips.com
Logo FINECHIPS - Finechips

MC81F4332K Datasheet(HTML) 29 Page - Finechips

Back Button MC81F4332K Datasheet HTML 25Page - Finechips MC81F4332K Datasheet HTML 26Page - Finechips MC81F4332K Datasheet HTML 27Page - Finechips MC81F4332K Datasheet HTML 28Page - Finechips MC81F4332K Datasheet HTML 29Page - Finechips MC81F4332K Datasheet HTML 30Page - Finechips MC81F4332K Datasheet HTML 31Page - Finechips MC81F4332K Datasheet HTML 32Page - Finechips MC81F4332K Datasheet HTML 33Page - Finechips Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 198 page
background image
MC81F4x16
October 19, 2009 Ver.1.35
29
7. ELECTRICAL CHARACTERISTICS
7.1 Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Supply Voltage
VDD
-0.3
– +6.0
V
Normal Voltage Pin
VI
-0.3
– VDD+0.3
V
VO
-0.3
– VDD+0.3
V
IOH
-10
mA
ΣIOH
-80
mA
IOL
60
mA
ΣIOL
120
mA
Total Power Dissipation
fXIN
600
mW
Storage Temperature
TSTG
-65
– +150
°C
Note :
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at
any other conditions above those indicated in the operational sections of this specification is
not implied. Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
7.2 RECOMMENDED OPERATING CONDITION
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Operating Voltage
VDD
fxin = 1.0
– 4.2MHz
2.2
-
5.5
V
fxin = 1.0
– 8.0MHz
2.7
-
5.5
fxin = 1.0
– 12.0MHz
4.0
-
5.5
Operating
Temperature
TOPR
VDD = 2.2
– 5.5V
-40
85
°C


Similar Part No. - MC81F4332K

ManufacturerPart #DatasheetDescription
logo
Finechips
MC81F4316D FINECHIPS-MC81F4316D Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4316G FINECHIPS-MC81F4316G Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4316K FINECHIPS-MC81F4316K Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4316M FINECHIPS-MC81F4316M Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4316S FINECHIPS-MC81F4316S Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - MC81F4332K

ManufacturerPart #DatasheetDescription
logo
Finechips
MC81F4204 FINECHIPS-MC81F4204 Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4216 FINECHIPS-MC81F4216 Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C2112 HYNIX-GMS81C2112 Datasheet
1Mb / 107P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81004E HYNIX-HMS81004E Datasheet
1Mb / 77P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C5108 HYNIX-GMS81C5108 Datasheet
1Mb / 102P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C7008 HYNIX-GMS81C7008 Datasheet
2Mb / 123P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C320 HYNIX-GMS90C320 Datasheet
683Kb / 46P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C3X HYNIX-GMS90C3X Datasheet
846Kb / 59P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81C4X60 HYNIX-HMS81C4X60 Datasheet
823Kb / 110P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS91C8032 HYNIX-HMS91C8032 Datasheet
2Mb / 157P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com