Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC81F4332G Datasheet(PDF) 92 Page - Finechips

Part # MC81F4332G
Description  ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINECHIPS [Finechips]
Direct Link  http://www.finechips.com
Logo FINECHIPS - Finechips

MC81F4332G Datasheet(HTML) 92 Page - Finechips

Back Button MC81F4332G Datasheet HTML 88Page - Finechips MC81F4332G Datasheet HTML 89Page - Finechips MC81F4332G Datasheet HTML 90Page - Finechips MC81F4332G Datasheet HTML 91Page - Finechips MC81F4332G Datasheet HTML 92Page - Finechips MC81F4332G Datasheet HTML 93Page - Finechips MC81F4332G Datasheet HTML 94Page - Finechips MC81F4332G Datasheet HTML 95Page - Finechips MC81F4332G Datasheet HTML 96Page - Finechips Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 198 page
background image
MC81F4x16
92
October 19, 2009 Ver.1.35
11.2 Interrupt Sequence
An interrupt request is held until the interrupt is accepted or the
interrupt latch is cleared to “0” by a
reset or an instruction. Interrupt acceptance sequence requires 8 cycles of fXIN (1
μs at fXIN=
4MHz) after the completion of the current instruction execution. The interrupt service task is
terminated upon execution of an interrupt return instruction [RETI].
Interrupt acceptance
1.
The interrupt master enable flag (I-flag) is cleared to
“0” to temporarily disable the acceptance of
any following maskable interrupts. When a non-maskable interrupt is accepted, the acceptance of
any following interrupts is temporarily disabled.
2.
Interrupt request flag for the interrupt source accepted is
cleared to “0”.
3.
The contents of the program counter (return address) and the program status word are saved
(pushed) onto the stack area. The stack pointer decreases 3 times.
4.
The entry address of the interrupt service program is read from the vector table address and the
entry address is loaded to the program counter.
5.
The instruction stored at the entry address of the interrupt service program is executed.
A interrupt request is not accepted until the I-
flag is set to “1” even if a requested interrupt has higher
priority than that of the current interrupt being serviced. When nested interrupt service is required, the
I-flag should be set
to “1” by “EI” instruction in the interrupt service program. In this case, acceptable
interrupt sources are selectively enabled by the individual interrupt enable flags.
Saving/Restoring the general-purpose registers
The program status word are automatically saved on the stack, but accumulator and other registers
are not saved itself. These registers are saved by the software if necessary. Also, when multiple
interrupt services are nested, it is necessary to avoid using the same data memory area for saving
registers.
The following method is used to save/restore the general-purpose registers.
Figure 11-2 Timing chart of Interrupt Acceptance and Interrupt Return Instruction


Similar Part No. - MC81F4332G

ManufacturerPart #DatasheetDescription
logo
Finechips
MC81F4316D FINECHIPS-MC81F4316D Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4316G FINECHIPS-MC81F4316G Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4316K FINECHIPS-MC81F4316K Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4316M FINECHIPS-MC81F4316M Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4316S FINECHIPS-MC81F4316S Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - MC81F4332G

ManufacturerPart #DatasheetDescription
logo
Finechips
MC81F4204 FINECHIPS-MC81F4204 Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4216 FINECHIPS-MC81F4216 Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C2112 HYNIX-GMS81C2112 Datasheet
1Mb / 107P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81004E HYNIX-HMS81004E Datasheet
1Mb / 77P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C5108 HYNIX-GMS81C5108 Datasheet
1Mb / 102P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C7008 HYNIX-GMS81C7008 Datasheet
2Mb / 123P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C320 HYNIX-GMS90C320 Datasheet
683Kb / 46P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C3X HYNIX-GMS90C3X Datasheet
846Kb / 59P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81C4X60 HYNIX-HMS81C4X60 Datasheet
823Kb / 110P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS91C8032 HYNIX-HMS91C8032 Datasheet
2Mb / 157P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com