Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC81F4316G Datasheet(PDF) 19 Page - Finechips

Part # MC81F4316G
Description  ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINECHIPS [Finechips]
Direct Link  http://www.finechips.com
Logo FINECHIPS - Finechips

MC81F4316G Datasheet(HTML) 19 Page - Finechips

Back Button MC81F4316G Datasheet HTML 15Page - Finechips MC81F4316G Datasheet HTML 16Page - Finechips MC81F4316G Datasheet HTML 17Page - Finechips MC81F4316G Datasheet HTML 18Page - Finechips MC81F4316G Datasheet HTML 19Page - Finechips MC81F4316G Datasheet HTML 20Page - Finechips MC81F4316G Datasheet HTML 21Page - Finechips MC81F4316G Datasheet HTML 22Page - Finechips MC81F4316G Datasheet HTML 23Page - Finechips Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 200 page
background image
MC81F4x16
October 19, 2009 Ver.1.35
19
I/O
Alternative functions
Pin number
Pin status
at RESET
44pin 42pin 32pin 28pin 24pin 20pin
R40
-
37
40
x
x
x
x
Open-drain output
R41
-
38
41
x
x
x
x
Open-drain output
R42
-
39
42
x
x
x
x
Open-drain output
R43
-
40
1
x
x
x
x
Open-drain output
R44
-
41
2
x
x
x
x
Open-drain output
R45
-
5
10
x
x
x
x
Open-drain output
R46
-
6
11
x
x
x
x
Open-drain output
R47
-
7
12
x
x
x
x
Open-drain output
R50
-
25
30
x
x
x
x
Open-drain output
R51
-
26
31
x
x
x
x
Open-drain output
R52
-
27
x
x
x
x
x
Open-drain output
R53
-
28
x
x
x
x
x
Open-drain output
VDD
-
2
7
5
5
5
5
-
VSS
-
32
35
28
24
20
16
-
Note :
Some pins are initialized by open-drain output mode, when the device is reset. Because the
pins are hided in 16 pin package and it is stable that hided pins are be in open-drain-output
mode.
The reset status of MC81F4x16 is designed under consideration of 16 pin package of
MC81F4204. Because MC81F4204 is a reduced version of MC81F4x16. (So the
Eva.board(emulator) is shared)


Similar Part No. - MC81F4316G

ManufacturerPart #DatasheetDescription
logo
Finechips
MC81F4332 FINECHIPS-MC81F4332 Datasheet
4Mb / 198P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4332D FINECHIPS-MC81F4332D Datasheet
4Mb / 198P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4332G FINECHIPS-MC81F4332G Datasheet
4Mb / 198P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4332K FINECHIPS-MC81F4332K Datasheet
4Mb / 198P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4332M FINECHIPS-MC81F4332M Datasheet
4Mb / 198P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - MC81F4316G

ManufacturerPart #DatasheetDescription
logo
Finechips
MC81F4204 FINECHIPS-MC81F4204 Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4332 FINECHIPS-MC81F4332 Datasheet
4Mb / 198P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C2112 HYNIX-GMS81C2112 Datasheet
1Mb / 107P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81004E HYNIX-HMS81004E Datasheet
1Mb / 77P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C5108 HYNIX-GMS81C5108 Datasheet
1Mb / 102P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C7008 HYNIX-GMS81C7008 Datasheet
2Mb / 123P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C320 HYNIX-GMS90C320 Datasheet
683Kb / 46P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C3X HYNIX-GMS90C3X Datasheet
846Kb / 59P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81C4X60 HYNIX-HMS81C4X60 Datasheet
823Kb / 110P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS91C8032 HYNIX-HMS91C8032 Datasheet
2Mb / 157P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com