Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC81F4216B Datasheet(PDF) 75 Page - Finechips

Part # MC81F4216B
Description  ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINECHIPS [Finechips]
Direct Link  http://www.finechips.com
Logo FINECHIPS - Finechips

MC81F4216B Datasheet(HTML) 75 Page - Finechips

Back Button MC81F4216B Datasheet HTML 71Page - Finechips MC81F4216B Datasheet HTML 72Page - Finechips MC81F4216B Datasheet HTML 73Page - Finechips MC81F4216B Datasheet HTML 74Page - Finechips MC81F4216B Datasheet HTML 75Page - Finechips MC81F4216B Datasheet HTML 76Page - Finechips MC81F4216B Datasheet HTML 77Page - Finechips MC81F4216B Datasheet HTML 78Page - Finechips MC81F4216B Datasheet HTML 79Page - Finechips Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 200 page
background image
MC81F4x16
October 19, 2009 Ver.1.35
75
R0CONM
– R03~05
R0 PORT CONTROL MIDDLE REGISTER
00C7H
A reset clears the R0CONM register to
„00H‟, makes R04-R03 pins input mode. You can use
R0CONM register setting to select input or output mode (open-drain or push-pull) and enable
alternative functions.
When programming the port, please remember that any alternative peripheral I/O function that
defined by the R0CONM register must also be enabled in the associated peripheral module.
7
6
5
4
3
2
1
0
R0CONM
R05
R04
R03
Reset value: 00H
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R05
R05/AN3/EXT3/SI/T1O/PWM1O
00: Schmitt trigger input mode (SI/EXT3)
01: Output mode, open-drain
10: Alternative function (AN3)
11: Alternative function (T1O/PWM1O)
R04
R04/AN2/EXT2/SCK/EC1
000: Schmitt trigger input mode
(
*SCK in
/ EC1 / EXT2)
001: Output mode, open-drain
010: Alternative function (AN2)
011: Alternative function (SCK out)
1xx: Output mode, push-pull
R03
R03/AN1/EXT1/T0O/PWM0O
000: Schmitt trigger input mode(EXT1)
001: Output mode, open-drain
010: Alternative function (AN1)
011: Alternative function (T0O/PWM0O)
1xx: Output mode, push-pull
Note:
If you want to use SIO module in slave mode, you must set SCK port as an input mode.


Similar Part No. - MC81F4216B

ManufacturerPart #DatasheetDescription
logo
Finechips
MC81F4204 FINECHIPS-MC81F4204 Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4204B FINECHIPS-MC81F4204B Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4204D FINECHIPS-MC81F4204D Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4204M FINECHIPS-MC81F4204M Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4204R FINECHIPS-MC81F4204R Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - MC81F4216B

ManufacturerPart #DatasheetDescription
logo
Finechips
MC81F4204 FINECHIPS-MC81F4204 Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4332 FINECHIPS-MC81F4332 Datasheet
4Mb / 198P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C2112 HYNIX-GMS81C2112 Datasheet
1Mb / 107P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81004E HYNIX-HMS81004E Datasheet
1Mb / 77P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C5108 HYNIX-GMS81C5108 Datasheet
1Mb / 102P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C7008 HYNIX-GMS81C7008 Datasheet
2Mb / 123P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C320 HYNIX-GMS90C320 Datasheet
683Kb / 46P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C3X HYNIX-GMS90C3X Datasheet
846Kb / 59P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81C4X60 HYNIX-HMS81C4X60 Datasheet
823Kb / 110P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS91C8032 HYNIX-HMS91C8032 Datasheet
2Mb / 157P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com