Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC81F4216B Datasheet(PDF) 47 Page - Finechips

Part # MC81F4216B
Description  ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  200 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINECHIPS [Finechips]
Direct Link  http://www.finechips.com
Logo FINECHIPS - Finechips

MC81F4216B Datasheet(HTML) 47 Page - Finechips

Back Button MC81F4216B Datasheet HTML 43Page - Finechips MC81F4216B Datasheet HTML 44Page - Finechips MC81F4216B Datasheet HTML 45Page - Finechips MC81F4216B Datasheet HTML 46Page - Finechips MC81F4216B Datasheet HTML 47Page - Finechips MC81F4216B Datasheet HTML 48Page - Finechips MC81F4216B Datasheet HTML 49Page - Finechips MC81F4216B Datasheet HTML 50Page - Finechips MC81F4216B Datasheet HTML 51Page - Finechips Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 200 page
background image
MC81F4x16
October 19, 2009 Ver.1.35
47
7.19 Typical Characteristics
These graphs and tables provided in this section are for design guidance only and are not tested or
guaranteed. In some graphs or tables the data presented are outside specified operating range (e.g.
outside specified VDD range). This is for information only and devices are guaranteed to operate
properly only within the specified range.
The data presented in this section is a statistical summary of data collected on units from different lots
over a period of time. “Typical” represents the mean of the distribution while “max” or “min” represents
(mean + 3
σ) and (mean − 3σ) respectively where σ is standard deviation.
Figure 7-12 IDD – VDD in Normal Mode
Figure 7-13 ISLEEP – VDD in Sleep Mode
Figure 7-14 IDD2 – VDD in Sub Active Mode
Figure 7-15 ISLEEP2 – VDD with Sub Clock
Figure 7-16 ISTOP – VDD in STOP Mode
0
1
2
3
4
5
6
7
2.5V
3V
3.5V
4V
4.5V
5V
5.5V
mA
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
2.5V
3V
3.5V
4V
4.5V
5V
5.5V
mA
0
20
40
60
80
100
120
140
160
2.5V
3V
3.5V
4V
4.5V
5V
5.5V
uA
0
5
10
15
20
25
30
35
2.5V
3V
3.5V
4V
4.5V
5V
5.5V
uA
0.00
0.05
0.10
0.15
0.20
0.25
2.5V
3V
3.5V
4V
4.5V
5V
5.5V
uA


Similar Part No. - MC81F4216B

ManufacturerPart #DatasheetDescription
logo
Finechips
MC81F4204 FINECHIPS-MC81F4204 Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4204B FINECHIPS-MC81F4204B Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4204D FINECHIPS-MC81F4204D Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4204M FINECHIPS-MC81F4204M Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4204R FINECHIPS-MC81F4204R Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - MC81F4216B

ManufacturerPart #DatasheetDescription
logo
Finechips
MC81F4204 FINECHIPS-MC81F4204 Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4332 FINECHIPS-MC81F4332 Datasheet
4Mb / 198P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C2112 HYNIX-GMS81C2112 Datasheet
1Mb / 107P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81004E HYNIX-HMS81004E Datasheet
1Mb / 77P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C5108 HYNIX-GMS81C5108 Datasheet
1Mb / 102P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C7008 HYNIX-GMS81C7008 Datasheet
2Mb / 123P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C320 HYNIX-GMS90C320 Datasheet
683Kb / 46P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C3X HYNIX-GMS90C3X Datasheet
846Kb / 59P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81C4X60 HYNIX-HMS81C4X60 Datasheet
823Kb / 110P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS91C8032 HYNIX-HMS91C8032 Datasheet
2Mb / 157P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com