Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDH09G65C5 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IDH09G65C5
Description  ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDH09G65C5 Datasheet(HTML) 2 Page - Infineon Technologies AG

  IDH09G65C5_12 Datasheet HTML 1Page - Infineon Technologies AG IDH09G65C5_12 Datasheet HTML 2Page - Infineon Technologies AG IDH09G65C5_12 Datasheet HTML 3Page - Infineon Technologies AG IDH09G65C5_12 Datasheet HTML 4Page - Infineon Technologies AG IDH09G65C5_12 Datasheet HTML 5Page - Infineon Technologies AG IDH09G65C5_12 Datasheet HTML 6Page - Infineon Technologies AG IDH09G65C5_12 Datasheet HTML 7Page - Infineon Technologies AG IDH09G65C5_12 Datasheet HTML 8Page - Infineon Technologies AG IDH09G65C5_12 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1) J-STD20 and JESD22
2) All devices tested under avalanche conditions for a time periode of 10ms
Final Data Sheet
2
Rev. 2.2, 2012-12-10
1
Description
Features
Revolutionary semiconductor material - Silicon Carbide
Benchmark switching behavior
No reverse recovery/ No forward recovery
Temperature independent switching behavior
High surge current capability
Pb-free lead plating; RoHS compliant
Qualified according to JEDEC
1) for target applications
Breakdown voltage tested at 20 mA
2)
Optimized for high temperature operation
Benefits
System efficiency improvement over Si diodes
System cost / size savings due to reduced cooling requirements
Enabling higher frequency / increased power density solutions
Higher system reliability due to lower operating temperatures
Reduced EMI
Applications
Switch mode power supply
Power factor correction
Solar inverter
Uninterruptible power supply
Table 1
Key Performance Parameters
Parameter
Value
Unit
VDC
650
V
QC; VR=400V
14
nC
EC; VR=400V
3.2
µJ
IF @ TC < 145°C
9
A
Table 2
Pin Definition
Pin 1
Pin 2
Pin 3
C
A
n.a.
Type / ordering Code
Package
Marking
Related links
IDH09G65C5
PG-TO220-2
D0965C5
www.infineon.com/sic
IDH09G65C5
5
th Generation thinQ!™ SiC Schottky Diode
ThinQ!™ Generation 5 represents Infineon leading edge technology for the SiC
Schottky Barrier diodes. The Infineon proprietary diffusion soldering process,
already introduced with G3 is now combined with a new, more compact design and
thin-wafer technology. The result is a new family of products showing improved
efficiency over all load conditions, resulting from both the improved thermal
characteristics and a lower figure of merit (Qc x Vf).
The new thinQ!™ Generation 5 has been designed to complement our 650V
CoolMOS™ families: this ensures meeting the most stringent application
requirements in this voltage range.
1
2


Similar Part No. - IDH09G65C5_12

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDH09G65C5 INFINEON-IDH09G65C5 Datasheet
417Kb / 2P
   650V SiC thinQ!??Generation 5 diodes
09 / 2012
More results

Similar Description - IDH09G65C5_12

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDH10G65C5 INFINEON-IDH10G65C5_12 Datasheet
1Mb / 11P
   ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Rev. 2.2, 2012-12-10
IDW10G65C5 INFINEON-IDW10G65C5_12 Datasheet
1Mb / 11P
   ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Rev. 2.2, 2013-01-15
IDW20G65C5 INFINEON-IDW20G65C5_12 Datasheet
1Mb / 11P
   ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Rev. 2.2, 2013-01-15
IDH20G65C5 INFINEON-IDH20G65C5_12 Datasheet
1Mb / 11P
   ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Rev. 2.2, 2012-12-10
IDW16G65C5 INFINEON-IDW16G65C5_12 Datasheet
1Mb / 11P
   ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Rev. 2.2, 2013-01-15
IDW12G65C5 INFINEON-IDW12G65C5_12 Datasheet
1Mb / 11P
   ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Rev. 2.2, 2013-01-15
IDH05G65C5 INFINEON-IDH05G65C5_12 Datasheet
1Mb / 11P
   ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Rev. 2.2, 2012-12-10
IDW40G65C5 INFINEON-IDW40G65C5_12 Datasheet
1Mb / 11P
   ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Rev. 2.2, 2013-01-15
IDH04G65C5 INFINEON-IDH04G65C5_12 Datasheet
1Mb / 13P
   ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Rev. 2.2, 2012-12-10
IDH06G65C5 INFINEON-IDH06G65C5_12 Datasheet
1Mb / 11P
   ThinQ!??Generation 5 represents Infineon leading edge technology for the SiC Schottky Barrier diodes.
Rev. 2.2, 2012-12-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com