Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC81F4204B Datasheet(PDF) 46 Page - Finechips

Part # MC81F4204B
Description  ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINECHIPS [Finechips]
Direct Link  http://www.finechips.com
Logo FINECHIPS - Finechips

MC81F4204B Datasheet(HTML) 46 Page - Finechips

Back Button MC81F4204B Datasheet HTML 42Page - Finechips MC81F4204B Datasheet HTML 43Page - Finechips MC81F4204B Datasheet HTML 44Page - Finechips MC81F4204B Datasheet HTML 45Page - Finechips MC81F4204B Datasheet HTML 46Page - Finechips MC81F4204B Datasheet HTML 47Page - Finechips MC81F4204B Datasheet HTML 48Page - Finechips MC81F4204B Datasheet HTML 49Page - Finechips MC81F4204B Datasheet HTML 50Page - Finechips Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 150 page
background image
MC81F4204
46
October 19, 2009 Ver.1.35
9.2 Program Memory
A 16-bit program counter is capable of addressing up to
64K bytes, but this device has 4K bytes program
memory space only physically implemented. Accessing
a location above FFFFH will cause a wrap-around to
0000H.
Figure 9-6 shows a map of Program Memory. After
reset, the CPU begins execution from reset vector
which is stored in address FFFEH and FFFFH. As
shown in Figure 9-6, each area is assigned a fixed
location in Program Memory.
Program memory area contains the user program Page
Call (PCALL) area contains subroutine program to
reduce program byte length by using 2 bytes PCALL
instead of 3 bytes CALL instruction. If it is frequently
called, it is more useful to save program byte length.
Table Call (TCALL) causes the CPU to jump to each
TCALL address, where it commences the execution of
the service routine. The Table Call service area spaces 2-byte for every TCALL: 0FFC0H for TCALL15,
0FFC2H for TCALL14, etc., as shown in Figure 9-7.
The interrupt causes the CPU to jump to specific location where it commences the execution of the
service routine. The interrupt service locations spaces 2-byte interval. The External interrupt 1, for
Example, is assigned to location 0FFFCH.
Any area from 0FF00H to 0FFFFH, if it is not going to be used, its service location is available as
general purpose Program Memory.
TCALL Area
Interrupt
Vector Area
0FFFFH
0FFDFH
0FFE0H
0FFC0H
0FF00H
0FEFFH
0F000H
Figure 9-6 Program Memory Map


Similar Part No. - MC81F4204B

ManufacturerPart #DatasheetDescription
logo
Finechips
MC81F4216 FINECHIPS-MC81F4216 Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4216B FINECHIPS-MC81F4216B Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4216D FINECHIPS-MC81F4216D Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - MC81F4204B

ManufacturerPart #DatasheetDescription
logo
Finechips
MC81F4216 FINECHIPS-MC81F4216 Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4332 FINECHIPS-MC81F4332 Datasheet
4Mb / 198P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C2112 HYNIX-GMS81C2112 Datasheet
1Mb / 107P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81004E HYNIX-HMS81004E Datasheet
1Mb / 77P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C5108 HYNIX-GMS81C5108 Datasheet
1Mb / 102P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C7008 HYNIX-GMS81C7008 Datasheet
2Mb / 123P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C320 HYNIX-GMS90C320 Datasheet
683Kb / 46P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C3X HYNIX-GMS90C3X Datasheet
846Kb / 59P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81C4X60 HYNIX-HMS81C4X60 Datasheet
823Kb / 110P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS91C8032 HYNIX-HMS91C8032 Datasheet
2Mb / 157P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com