Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC81F4204M Datasheet(PDF) 93 Page - Finechips

Part No. MC81F4204M
Description  ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINECHIPS [Finechips]
Direct Link  http://www.finechips.com
Logo FINECHIPS - Finechips

MC81F4204M Datasheet(HTML) 93 Page - Finechips

Back Button MC81F4204M Datasheet HTML 89Page - Finechips MC81F4204M Datasheet HTML 90Page - Finechips MC81F4204M Datasheet HTML 91Page - Finechips MC81F4204M Datasheet HTML 92Page - Finechips MC81F4204M Datasheet HTML 93Page - Finechips MC81F4204M Datasheet HTML 94Page - Finechips MC81F4204M Datasheet HTML 95Page - Finechips MC81F4204M Datasheet HTML 96Page - Finechips MC81F4204M Datasheet HTML 97Page - Finechips Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 150 page
background image
MC81F4204
October 19, 2009 Ver.1.35
93
T0SCR
TIMER 0 STATUS AND CONROL REGISTER
00B0H
To enable the timer 0 match interrupt, you must set
“1” to T0MIE(IENH.7).
When the timer 0 match interrupt sub-routine is serviced, the timer 0 match interrupt request flag bit,
T0MIR(IRQH.7), is automatically cleared.
To enable the timer 0 overflow interrupt, you must set
“1” to T0OVIE(IENH.6).
When the timer 0 overflow interrupt sub-routine is serviced, the timer 0 overflow interrupt request flag
bit, T0OVIF(IRQH.6), is automatically cleared.
7
6
5
4
3
2
1
0
T0SCR
T0MOD
T0MS
T0CC
T0CS
Reset value: 00H
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
-
-
Not used for MC81F4204
T0MS
Timer 0 Mode Selection Bit
00: Interval mode (T0O)
01: PWM mode (OVF and match
interrupt can occur)
1X: Capture mode (OVF can occur)
T0CC
Timer 0 Counter Clear Bit
0: No effect
1: Clear the Timer 0 counter (When
write, automatically cleared
“0” after
being cleared counter)
T0CS
Timer 0 Clock Selection Bits
0000: Counter stop
0001: Not available
0010: Not available
0011: Not available
0100: Not available
0101: External clock (EC0) rising edge
0110: External clock (EC0) falling edge
0111: Not available
1000: fxx/2
1001: fxx/4
1010: fxx/8
1011: fxx/16
1100: fxx/32
1101: fxx/128
1110: fxx/512
1111: fxx/2048
Note :
You must set the T0CC(T0SCR.4) bit after set T0DR register. The timer 0 counter value is
compared with timer 0 buffer register instead of T0DR. And T0DR value is copied to timer 0
buffer register when 1)T0CC is set 2)T0OVIR is set 3) T0MIR is set.


Similar Part No. - MC81F4204M

ManufacturerPart No.DatasheetDescription
Finechips
Finechips
MC81F4216 FINECHIPS-MC81F4216 Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4216B FINECHIPS-MC81F4216B Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4216D FINECHIPS-MC81F4216D Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - MC81F4204M

ManufacturerPart No.DatasheetDescription
Finechips
Finechips
MC81F4216 FINECHIPS-MC81F4216 Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4332 FINECHIPS-MC81F4332 Datasheet
4Mb / 198P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
Hynix Semiconductor
Hynix Semiconductor
GMS81C2112 HYNIX-GMS81C2112 Datasheet
1Mb / 107P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81004E HYNIX-HMS81004E Datasheet
1Mb / 77P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
Finechips
Finechips
MC81F4104 FINECHIPS-MC81F4104 Datasheet
2Mb / 118P
   ABOV SEMICONDUCTOR
Hynix Semiconductor
Hynix Semiconductor
GMS81C5108 HYNIX-GMS81C5108 Datasheet
1Mb / 102P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C7008 HYNIX-GMS81C7008 Datasheet
2Mb / 123P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C320 HYNIX-GMS90C320 Datasheet
683Kb / 46P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C3X HYNIX-GMS90C3X Datasheet
846Kb / 59P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81C4X60 HYNIX-HMS81C4X60 Datasheet
823Kb / 110P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz