Electronic Components Datasheet Search |
|
MC81F4204R Datasheet(PDF) 97 Page - Finechips |
|
MC81F4204R Datasheet(HTML) 97 Page - Finechips |
97 / 150 page MC81F4204 October 19, 2009 Ver.1.35 97 Function Description Interval Timer Mode A match signal is generated and T0O pins are toggled when the T0CR register value equals the T0DR register value. The match signal generates a timer match interrupt and clears the T0CR register. Pulse Width Modulation Mode Pulse width modulation (PWM) mode lets you program the width (duration) of the pulse that is output at the PWM0O pin. As in interval timer mode, a match signal is generated when the counter value is identical to the value written to the T0DR register. In PWM mode, however, the match signal does not clear the counter. Instead, it runs continuously, overflowing at FFH, and then continues incrementing from 00H. Although you can use the match signal to generate a timer 0 overflow interrupt, interrupts are not typically used in PWM-type applications. Instead, the pulse at the PWM0O pin is held to Low level as long as the reference data value is less than or equal to ( ) the counter value and then the pulse is held to High level for as long as the data value is greater than ( > ) the counter value. One pulse width is equal to tCLK * 256. So, the period and duty times are, Duty = tCLK * (T0DR + 1) Period = tCLK * 256 In order to generate the PWM0O signal, 3 steps are required, Steps Example C code Make sure the PWM0O port is set by PWM output mode T0CONM = 0x03; Set the T0DR value properly T0DR = 25; Set the T0SCR register properly T0SCR = 0x38; Capture Mode In capture mode, you have to set EXT1 interrupt. When the EXT1 interrupt is occurred, the T0CR register value is loaded into the T0DR register and the T0CR register is cleared. And the timer 0 overflow interrupt is generated whenever the T0CR value is overflowed. So, If you count how many overflow is occurred and read the T0DR value in EXT1 interrupt routine, it is possible to measure the time between two EXT1 interrupts. Or it is possible to measure the time from the T0 initial time to the EXT1 interrupt occurred time. The time = ( 256 * tCLK ) * overflow_count + (tCLK * T0DR) Note „tCLK‟ is the period time of the timer-counter‟s clock source You must set the T0DR value before set the T0SCR register. Because T0DR value is fetched when the count is started(the T0CC bit is set) or match/overflow event is occurred. |
Similar Part No. - MC81F4204R |
|
Similar Description - MC81F4204R |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |