Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC81F4204 Datasheet(PDF) 13 Page - Finechips

Part No. MC81F4204
Description  ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINECHIPS [Finechips]
Direct Link  http://www.finechips.com
Logo FINECHIPS - Finechips

MC81F4204 Datasheet(HTML) 13 Page - Finechips

Back Button MC81F4204 Datasheet HTML 9Page - Finechips MC81F4204 Datasheet HTML 10Page - Finechips MC81F4204 Datasheet HTML 11Page - Finechips MC81F4204 Datasheet HTML 12Page - Finechips MC81F4204 Datasheet HTML 13Page - Finechips MC81F4204 Datasheet HTML 14Page - Finechips MC81F4204 Datasheet HTML 15Page - Finechips MC81F4204 Datasheet HTML 16Page - Finechips MC81F4204 Datasheet HTML 17Page - Finechips Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 150 page
background image
MC81F4204
October 19, 2009 Ver.1.35
13
3.3 Summary
alternative functions
Pin number
Pin status
at RESET
20pin
16pin
R00
EXT10/SXin
17
13
input
R01
EXT11/SXout
18
14
input
R02
AN0/EXT0/EC0
19
15
input
R03
AN1/EXT1/T0O/PWM0O
20
16
input
R04
AN2/EXT2/EC1/SCK
1
1
input
R05
AN3/EXT3/T1O/PWM1O/SI
2
2
input
R06
AN4/EXT4/EC2/SO
3
3
input
R07
AN5/EXT5/T2O
4
4
input
R10
Vref/EXT6
6
6
input
R11
AN6/EXT7/PWM2O
7
7
input
R12
AN7/EXT8/PWM3O/BUZO
8
8
input
R13
AN8/EXT9/PWM4O
9
x
Open-drain output
R14
-
10
x
Open-drain output
R31
AN14
11
x
Open-drain output
R32
-
12
x
Open-drain output
R33
Xout
13
9
input
R34
Xin
14
10
input
R35
RESETB
15
11
input
VDD
-
5
5
-
VSS
-
16
12
-
Note :
Some pins are initialized by open-drain output mode, when the device is reset. Because the
pins are hided in 16 pin package and it is stable that hided pins are be in open-drain-output
mode.


Similar Part No. - MC81F4204

ManufacturerPart No.DatasheetDescription
Finechips
Finechips
MC81F4216 FINECHIPS-MC81F4216 Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4216B FINECHIPS-MC81F4216B Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4216D FINECHIPS-MC81F4216D Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - MC81F4204

ManufacturerPart No.DatasheetDescription
Finechips
Finechips
MC81F4216 FINECHIPS-MC81F4216 Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4332 FINECHIPS-MC81F4332 Datasheet
4Mb / 198P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
Hynix Semiconductor
Hynix Semiconductor
GMS81C2112 HYNIX-GMS81C2112 Datasheet
1Mb / 107P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81004E HYNIX-HMS81004E Datasheet
1Mb / 77P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
Finechips
Finechips
MC81F4104 FINECHIPS-MC81F4104 Datasheet
2Mb / 118P
   ABOV SEMICONDUCTOR
Hynix Semiconductor
Hynix Semiconductor
GMS81C5108 HYNIX-GMS81C5108 Datasheet
1Mb / 102P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C7008 HYNIX-GMS81C7008 Datasheet
2Mb / 123P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C320 HYNIX-GMS90C320 Datasheet
683Kb / 46P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C3X HYNIX-GMS90C3X Datasheet
846Kb / 59P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81C4X60 HYNIX-HMS81C4X60 Datasheet
823Kb / 110P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz