Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC81F4204 Datasheet(PDF) 43 Page - Finechips

Part # MC81F4204
Description  ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINECHIPS [Finechips]
Direct Link  http://www.finechips.com
Logo FINECHIPS - Finechips

MC81F4204 Datasheet(HTML) 43 Page - Finechips

Back Button MC81F4204 Datasheet HTML 39Page - Finechips MC81F4204 Datasheet HTML 40Page - Finechips MC81F4204 Datasheet HTML 41Page - Finechips MC81F4204 Datasheet HTML 42Page - Finechips MC81F4204 Datasheet HTML 43Page - Finechips MC81F4204 Datasheet HTML 44Page - Finechips MC81F4204 Datasheet HTML 45Page - Finechips MC81F4204 Datasheet HTML 46Page - Finechips MC81F4204 Datasheet HTML 47Page - Finechips Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 150 page
background image
MC81F4204
October 19, 2009 Ver.1.35
43
These registers also have increment, decrement, comparison and data transfer functions, and they
can be used as a simple accumulator.
SP
00H
Stack Address (00H – 0AFH)
15
8 7
0
Hardware fixed
00H – 0AFH
Stack Pointer: Stack Pointer is an 8-bit register which indicates the current
„push‟ point in the stack
area. It is used to push and pop when interrupts or general function call is occurred. Stack Pointer
identifies the location in the stack to be accessed (save or restore).
Generally, SP is automatically updated when a subroutine call is executed or an interrupt is accepted.
However, if it is used in excess of the stack area permitted by the data memory allocating
configuration, the user-processed data may be lost.
The stack can be located at any position within 00H to 0AFH of the internal data memory. The SP is
not initialized by hardware, requiring to write the initial value (the location with which the use of the
stack starts) by using the initialization routine. Normally,
the initial value of “AFH” is used.
PCH
PCL
PSW
00AF
00AE
00AD
00AC
Pop
up
At execution
of RETI instruction
00AC
00AF
PCH
PCL
PSW
00AF
00AE
00AD
00AC
Push
down
At acceptance
of interrupt
00AF
00AC
PCH
PCL
00AF
00AE
00AD
00AC
Pop
up
At execution
of RET instruction
00AD
00AF
PCH
PCL
00AF
00AE
00AD
00AC
Push
down
At execution of
A CALL/TCALL/PCALL
00AF
00AD
SP befor
execution
SP after
exccution
A
00AF
00AE
00AD
00AC
Pop
up
At execution
Of POP instruction
POP A(X,Y,PSW)
00AF
00AE
A
00AF
00AE
00AD
00AC
Push
down
At execution
Of PUSH instruction
PUSH A(X,Y,PSW)
00AF
00AE
SP befor
execution
SP after
exccution
Stack
Depth
00AF
0100
Figure 9-3 Stack Pointer
Figure 9-4 Stack Operation


Similar Part No. - MC81F4204

ManufacturerPart #DatasheetDescription
logo
Finechips
MC81F4216 FINECHIPS-MC81F4216 Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4216B FINECHIPS-MC81F4216B Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4216D FINECHIPS-MC81F4216D Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - MC81F4204

ManufacturerPart #DatasheetDescription
logo
Finechips
MC81F4216 FINECHIPS-MC81F4216 Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4332 FINECHIPS-MC81F4332 Datasheet
4Mb / 198P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C2112 HYNIX-GMS81C2112 Datasheet
1Mb / 107P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81004E HYNIX-HMS81004E Datasheet
1Mb / 77P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C5108 HYNIX-GMS81C5108 Datasheet
1Mb / 102P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C7008 HYNIX-GMS81C7008 Datasheet
2Mb / 123P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C320 HYNIX-GMS90C320 Datasheet
683Kb / 46P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C3X HYNIX-GMS90C3X Datasheet
846Kb / 59P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81C4X60 HYNIX-HMS81C4X60 Datasheet
823Kb / 110P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS91C8032 HYNIX-HMS91C8032 Datasheet
2Mb / 157P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com