Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC81F4204 Datasheet(PDF) 28 Page - Finechips

Part No. MC81F4204
Description  ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINECHIPS [Finechips]
Direct Link  http://www.finechips.com
Logo FINECHIPS - Finechips

MC81F4204 Datasheet(HTML) 28 Page - Finechips

Back Button MC81F4204 Datasheet HTML 24Page - Finechips MC81F4204 Datasheet HTML 25Page - Finechips MC81F4204 Datasheet HTML 26Page - Finechips MC81F4204 Datasheet HTML 27Page - Finechips MC81F4204 Datasheet HTML 28Page - Finechips MC81F4204 Datasheet HTML 29Page - Finechips MC81F4204 Datasheet HTML 30Page - Finechips MC81F4204 Datasheet HTML 31Page - Finechips MC81F4204 Datasheet HTML 32Page - Finechips Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 150 page
background image
MC81F4204
28
October 19, 2009 Ver.1.35
7.7 Serial I/O Characteristics
(TA = - 40 C to + 85C, VDD = 2.2 V to 5.5 V)
Parameter
Symbol
Conditions
Min
Typ
Max Units
SCK cycle time
tKCY
External SCK source
1,000
nS
Internal SCK source
1,000
SCK high, low width
tKH, tKL
External SCK source
500
nS
Internal SCK source
tKCY/2–50
SI setup time to SCK high
tSIK
External SCK source
250
nS
Internal SCK source
250
SI hold time to SCK high
tKSI
External SCK source
400
nS
Internal SCK source
400
Output delay for SCK
to SOUT
tKSO
External SCK source
300
nS
Internal SCK source
250
Interrupt input, high,low width
tINTH,
tINTL
All interrupt, VDD = 5 V
200
nS
RESETB input low width
tRSL
Input, VDD = 5 V
10
uS
External
Interrupt
0.8 VDD
0.2 VDD
tINTH
tINTH
RESETB
0.2 VDD
tRSL
Figure 7-1 Input Timing for External Interrupts
Figure 7-2 Input Timing for RESETB


Similar Part No. - MC81F4204

ManufacturerPart No.DatasheetDescription
Finechips
Finechips
MC81F4216 FINECHIPS-MC81F4216 Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4216B FINECHIPS-MC81F4216B Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4216D FINECHIPS-MC81F4216D Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - MC81F4204

ManufacturerPart No.DatasheetDescription
Finechips
Finechips
MC81F4216 FINECHIPS-MC81F4216 Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4332 FINECHIPS-MC81F4332 Datasheet
4Mb / 198P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
Hynix Semiconductor
Hynix Semiconductor
GMS81C2112 HYNIX-GMS81C2112 Datasheet
1Mb / 107P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81004E HYNIX-HMS81004E Datasheet
1Mb / 77P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
Finechips
Finechips
MC81F4104 FINECHIPS-MC81F4104 Datasheet
2Mb / 118P
   ABOV SEMICONDUCTOR
Hynix Semiconductor
Hynix Semiconductor
GMS81C5108 HYNIX-GMS81C5108 Datasheet
1Mb / 102P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C7008 HYNIX-GMS81C7008 Datasheet
2Mb / 123P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C320 HYNIX-GMS90C320 Datasheet
683Kb / 46P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C3X HYNIX-GMS90C3X Datasheet
846Kb / 59P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81C4X60 HYNIX-HMS81C4X60 Datasheet
823Kb / 110P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz