Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC81F4204 Datasheet(PDF) 27 Page - Finechips

Part No. MC81F4204
Description  ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINECHIPS [Finechips]
Direct Link  http://www.finechips.com
Logo FINECHIPS - Finechips

MC81F4204 Datasheet(HTML) 27 Page - Finechips

Back Button MC81F4204 Datasheet HTML 23Page - Finechips MC81F4204 Datasheet HTML 24Page - Finechips MC81F4204 Datasheet HTML 25Page - Finechips MC81F4204 Datasheet HTML 26Page - Finechips MC81F4204 Datasheet HTML 27Page - Finechips MC81F4204 Datasheet HTML 28Page - Finechips MC81F4204 Datasheet HTML 29Page - Finechips MC81F4204 Datasheet HTML 30Page - Finechips MC81F4204 Datasheet HTML 31Page - Finechips Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 150 page
background image
MC81F4204
October 19, 2009 Ver.1.35
27
7.5 DC Electrical Characteristics (Continued)
(TA = - 40 C to + 85C, VDD = 2.2 – 5.0V, Vss=0V, fXIN=12MHz)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
OSC feedback
resistor
RX
Xin=VDD, Xout=VSS
TA=25 C, VDD=5V
350
700
1500
Supply current
IDD1
Active mode,
fx=12MHz, VDD=5V±10%
Crystal oscillator
8.0
15.0
mA
fx=8MHz, VDD=3V±10%
3.0
6.0
ISLEEP1
Sleep mode,
fx=12MHz, VDD=5V±10%
Crystal oscillator
2.0
4.0
mA
fx=8MHz, VDD=3V±10%
1.0
2.0
ISTOP
Stop mode
VDD=5.5V, TA=25C
0.5
5.0
uA
POR level
1.82
2.1
V
7.6 Input/Output Capacitance
(TA = - 40 C to + 85C, VDD = 0 V)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Capacitance
CIN
f=1MHz
Unmeasured pins
are connected Vss
10
pF
Output Capacitance
COUT
I/O Capacitance
CIO


Similar Part No. - MC81F4204

ManufacturerPart No.DatasheetDescription
Finechips
Finechips
MC81F4216 FINECHIPS-MC81F4216 Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4216B FINECHIPS-MC81F4216B Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4216D FINECHIPS-MC81F4216D Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - MC81F4204

ManufacturerPart No.DatasheetDescription
Finechips
Finechips
MC81F4216 FINECHIPS-MC81F4216 Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4332 FINECHIPS-MC81F4332 Datasheet
4Mb / 198P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
Hynix Semiconductor
Hynix Semiconductor
GMS81C2112 HYNIX-GMS81C2112 Datasheet
1Mb / 107P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81004E HYNIX-HMS81004E Datasheet
1Mb / 77P
   HYNIX SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
Finechips
Finechips
MC81F4104 FINECHIPS-MC81F4104 Datasheet
2Mb / 118P
   ABOV SEMICONDUCTOR
Hynix Semiconductor
Hynix Semiconductor
GMS81C5108 HYNIX-GMS81C5108 Datasheet
1Mb / 102P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C7008 HYNIX-GMS81C7008 Datasheet
2Mb / 123P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C320 HYNIX-GMS90C320 Datasheet
683Kb / 46P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS90C3X HYNIX-GMS90C3X Datasheet
846Kb / 59P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS81C4X60 HYNIX-HMS81C4X60 Datasheet
823Kb / 110P
   HYNIX SEMICONDUCTOR INC. 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz