Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC81F4104B Datasheet(PDF) 24 Page - Finechips

Part # MC81F4104B
Description  ABOV SEMICONDUCTOR
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINECHIPS [Finechips]
Direct Link  http://www.finechips.com
Logo FINECHIPS - Finechips

MC81F4104B Datasheet(HTML) 24 Page - Finechips

Back Button MC81F4104B Datasheet HTML 20Page - Finechips MC81F4104B Datasheet HTML 21Page - Finechips MC81F4104B Datasheet HTML 22Page - Finechips MC81F4104B Datasheet HTML 23Page - Finechips MC81F4104B Datasheet HTML 24Page - Finechips MC81F4104B Datasheet HTML 25Page - Finechips MC81F4104B Datasheet HTML 26Page - Finechips MC81F4104B Datasheet HTML 27Page - Finechips MC81F4104B Datasheet HTML 28Page - Finechips Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 118 page
background image
MC81F4104
24
October 19, 2009 Ver.1.35
7.7 Data Retention Voltage in Stop Mode
(TA = - 40 C to + 85C, VDD = 2.2 V to 5.5 V)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Data retention supply
voltage
VDDDR
2.2
5.5
V
Data retention supply
current
IDDDR
VDDDR = 2.2V
(TA = 25 C), Stop mode
1
uA
IDLE Mode
(Watchdog Timer Active)
V DD
NOTE: tWAIT is the same as 256 X 1/BT Clock
INT Request
Execution of
STOP Instruction
Data Retention
Stop Mode
Normal
Operating Mode
0.8VDD
tWAIT
VDDDR
VDD
NOTE: tWAIT is the same as 256 X 1024 X 1/fxx (65.5mS @4MHz)
RESETB
Execution of
STOP Instruction
Data Retention
Stop Mode
Oscillation
Stabillization Time
Normal
Operating Mode
TWAIT
RESET
Occurs
0.2 VDD
VDDDR
0.8 VDD
7.8 LVR (Low
Voltage Reset)
Electrical Characteristics
(TA = - 40 C to + 85C, VDD = 2.2 V to 5.5 V)
Figure 7-3 Stop Mode Release Timing When Initiated by an Interrupt
Figure 7-4 Stop Mode Release Timing When Initiated by RESETB


Similar Part No. - MC81F4104B

ManufacturerPart #DatasheetDescription
logo
Finechips
MC81F4204 FINECHIPS-MC81F4204 Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4204B FINECHIPS-MC81F4204B Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4204D FINECHIPS-MC81F4204D Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4204M FINECHIPS-MC81F4204M Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4204R FINECHIPS-MC81F4204R Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - MC81F4104B

ManufacturerPart #DatasheetDescription
logo
Finechips
MC81F4204 FINECHIPS-MC81F4204 Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4216 FINECHIPS-MC81F4216 Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4332 FINECHIPS-MC81F4332 Datasheet
4Mb / 198P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
   SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
   SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
   SEMICONDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com