Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC81F4104 Datasheet(PDF) 13 Page - Finechips

Part No. MC81F4104
Description  ABOV SEMICONDUCTOR
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINECHIPS [Finechips]
Direct Link  http://www.finechips.com
Logo FINECHIPS - Finechips

MC81F4104 Datasheet(HTML) 13 Page - Finechips

Back Button MC81F4104 Datasheet HTML 9Page - Finechips MC81F4104 Datasheet HTML 10Page - Finechips MC81F4104 Datasheet HTML 11Page - Finechips MC81F4104 Datasheet HTML 12Page - Finechips MC81F4104 Datasheet HTML 13Page - Finechips MC81F4104 Datasheet HTML 14Page - Finechips MC81F4104 Datasheet HTML 15Page - Finechips MC81F4104 Datasheet HTML 16Page - Finechips MC81F4104 Datasheet HTML 17Page - Finechips Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 118 page
background image
MC81F4104
October 19, 2009 Ver.1.35
13
3.3 Summary
alternative functions
Pin number
Pin status
at RESET
10pin
8pin
R00
AN0/Xin
2
2
input
R01
AN1/Xout
3
3
input
R02
AN2
4
x
Open-drain output
R03
Vpp/RESETB
5
4
input
R04
AN4/EXT0/PWM2O/T2O
6
5
input
R05
AN5
7
x
Open-drain output
R06
AN6/EXT1/EC2
8
6
input
R07
AN7/EXT2/Vref/EC3
9
7
input
VDD
-
10
8
-
VSS
-
1
1
-
Note :
Some pins are initialized by open-drain output mode, when the device is reset. Because the
pins are hided in 8 pin package and it is stable that hided pins are be in open-drain-output
mode.


Similar Part No. - MC81F4104

ManufacturerPart No.DatasheetDescription
Finechips
Finechips
MC81F4204 FINECHIPS-MC81F4204 Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4204B FINECHIPS-MC81F4204B Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4204D FINECHIPS-MC81F4204D Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4204M FINECHIPS-MC81F4204M Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4204R FINECHIPS-MC81F4204R Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - MC81F4104

ManufacturerPart No.DatasheetDescription
Finechips
Finechips
MC81F4204 FINECHIPS-MC81F4204 Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4216 FINECHIPS-MC81F4216 Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4332 FINECHIPS-MC81F4332 Datasheet
4Mb / 198P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
KEC(Korea Electronics)
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
Leshan Radio Company
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
KEC(Korea Electronics)
KEC(Korea Electronics)
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
   SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
   SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
   SEMICONDUCTOR
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz