Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC81F4104 Datasheet(PDF) 90 Page - Finechips

Part No. MC81F4104
Description  ABOV SEMICONDUCTOR
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINECHIPS [Finechips]
Direct Link  http://www.finechips.com
Logo FINECHIPS - Finechips

MC81F4104 Datasheet(HTML) 90 Page - Finechips

Back Button MC81F4104 Datasheet HTML 86Page - Finechips MC81F4104 Datasheet HTML 87Page - Finechips MC81F4104 Datasheet HTML 88Page - Finechips MC81F4104 Datasheet HTML 89Page - Finechips MC81F4104 Datasheet HTML 90Page - Finechips MC81F4104 Datasheet HTML 91Page - Finechips MC81F4104 Datasheet HTML 92Page - Finechips MC81F4104 Datasheet HTML 93Page - Finechips MC81F4104 Datasheet HTML 94Page - Finechips Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 118 page
background image
MC81F4104
90
October 19, 2009 Ver.1.35
21. POWER DOWN OPERATION
In the power-down modes, power consumption is reduced considerably. For applications where power
consumption is a critical factor, device provides two kinds of power saving functions, STOP mode and
SLEEP mode. Table 21-1 on page 95 shows the status of each Power Saving Mode. SLEEP mode is
entered by the SSCR register to “0Fh”. and STOP mode is entered by STOP instruction after the
SSCR
register to “5Ah”.
21.1 Sleep Mode
In this mode, the internal oscillation circuits remain active. Oscillation continues and peripherals are
operated normally but CPU stops. Movement of all peripherals is shown in Table 21-1 on page 95.
SLEEP mode is entered by setting the SSCR register to “0Fh”. It is released by Reset or interrupt. To
be released by interrupt, interrupt should be enabled before SLEEP mode.
SSCR
STOP AND SLEEP CONTROL REGISTER
00F5H
7
6
5
4
3
2
1
0
SSCR
One byte register
Reset value: 00H
W
W
W
W
W
W
W
W
It is used to set the stop or sleep mode.
5Ah : STOP
0Fh : SLEEP
Note :
To get into STOP mode, SSCR must be set to 5AH just before STOP instruction execution.
At STOP mode, Stop & Sleep Control Register (SSCR) value is cleared automatically when
released.
To get into SLEEP mode, SSCR must be set to 0FH.
Release the SLEEP mode
The exit from SLEEP mode is hardware reset or all interrupts. Reset re-defines all the Control
registers but does not change the on-chip RAM.(Be careful, If the code is compiled with RAM clear
option, RAM is cleared after reset by ram clear routine. It is possible to disable the RAM clear option
by option menu). Interrupts allow both on-chip RAM and Control registers to retain their values. If I-
flag = 1, the normal interrupt response takes place. If I-flag = 0, the chip will resume execution starting
with the instruction following the SLEEP instruction. It will not vector to interrupt service routine. (refer
to Figure 21-3)
When exit from SLEEP mode by reset, enough oscillation stabilization time is required to normal
operation. Figure 21-2 shows the timing diagram. When released from the SLEEP mode, the Basic
interval timer is activated on wake-up. It is increased from 00H until FFH. The count overflow is set to
start normal operation.


Similar Part No. - MC81F4104

ManufacturerPart No.DatasheetDescription
Finechips
Finechips
MC81F4204 FINECHIPS-MC81F4204 Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4204B FINECHIPS-MC81F4204B Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4204D FINECHIPS-MC81F4204D Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4204M FINECHIPS-MC81F4204M Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4204R FINECHIPS-MC81F4204R Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - MC81F4104

ManufacturerPart No.DatasheetDescription
Finechips
Finechips
MC81F4204 FINECHIPS-MC81F4204 Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4216 FINECHIPS-MC81F4216 Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4332 FINECHIPS-MC81F4332 Datasheet
4Mb / 198P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
KEC(Korea Electronics)
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
Leshan Radio Company
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
KEC(Korea Electronics)
KEC(Korea Electronics)
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
   SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
   SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
   SEMICONDUCTOR
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz