Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC81F4104 Datasheet(PDF) 36 Page - Finechips

Part No. MC81F4104
Description  ABOV SEMICONDUCTOR
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINECHIPS [Finechips]
Direct Link  http://www.finechips.com
Logo FINECHIPS - Finechips

MC81F4104 Datasheet(HTML) 36 Page - Finechips

Back Button MC81F4104 Datasheet HTML 32Page - Finechips MC81F4104 Datasheet HTML 33Page - Finechips MC81F4104 Datasheet HTML 34Page - Finechips MC81F4104 Datasheet HTML 35Page - Finechips MC81F4104 Datasheet HTML 36Page - Finechips MC81F4104 Datasheet HTML 37Page - Finechips MC81F4104 Datasheet HTML 38Page - Finechips MC81F4104 Datasheet HTML 39Page - Finechips MC81F4104 Datasheet HTML 40Page - Finechips Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 118 page
background image
MC81F4104
36
October 19, 2009 Ver.1.35
These registers also have increment, decrement, comparison and data transfer functions, and they
can be used as a simple accumulator.
SP
00H
Stack Address (00H – 0BFH)
15
8 7
0
Hardware fixed
00H – 0BFH
Stack Pointer: Stack Pointer is an 8-bit register which indicates the current
„push‟ point in the stack
area. It is used to push and pop when interrupts or general function call is occurred. Stack Pointer
identifies the location in the stack to be accessed (save or restore).
Generally, SP is automatically updated when a subroutine call is executed or an interrupt is accepted.
However, if it is used in excess of the stack area permitted by the data memory allocating
configuration, the user-processed data may be lost.
The stack can be located at any position within 00H to 0BFH of the internal data memory. The SP is
not initialized by hardware, requiring to write the initial value (the location with which the use of the
stack starts) by using the initialization routine. Normally,
the initial value of “BFH” is used.
PCH
PCL
PSW
00BF
00BE
00BD
00BC
Pop
up
At execution
of RETI instruction
00BC
00BF
PCH
PCL
PSW
00BF
00BE
00BD
00BC
Push
down
At acceptance
of interrupt
00BF
00BC
PCH
PCL
00BF
00BE
00BD
00BC
Pop
up
At execution
of RET instruction
00BD
00BF
PCH
PCL
00BF
00BE
00BD
00BC
Push
down
At execution of
A CALL/TCALL/PCALL
00BF
00BD
SP befor
execution
SP after
exccution
A
00BF
00BE
00BD
00BC
Pop
up
At execution
Of POP instruction
POP A(X,Y,PSW)
00BF
00BE
A
00BF
00BE
00BD
00BC
Push
down
At execution
Of PUSH instruction
PUSH A(X,Y,PSW)
00BF
00BE
SP befor
execution
SP after
exccution
Stack
Depth
00BF
0100
Figure 9-3 Stack Pointer
Figure 9-4 Stack Operation


Similar Part No. - MC81F4104

ManufacturerPart No.DatasheetDescription
Finechips
Finechips
MC81F4204 FINECHIPS-MC81F4204 Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4204B FINECHIPS-MC81F4204B Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4204D FINECHIPS-MC81F4204D Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4204M FINECHIPS-MC81F4204M Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4204R FINECHIPS-MC81F4204R Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - MC81F4104

ManufacturerPart No.DatasheetDescription
Finechips
Finechips
MC81F4204 FINECHIPS-MC81F4204 Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4216 FINECHIPS-MC81F4216 Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4332 FINECHIPS-MC81F4332 Datasheet
4Mb / 198P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
KEC(Korea Electronics)
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
Leshan Radio Company
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
KEC(Korea Electronics)
KEC(Korea Electronics)
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
   SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
   SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
   SEMICONDUCTOR
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz