Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC81F4104 Datasheet(PDF) 27 Page - Finechips

Part No. MC81F4104
Description  ABOV SEMICONDUCTOR
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINECHIPS [Finechips]
Direct Link  http://www.finechips.com
Logo FINECHIPS - Finechips

MC81F4104 Datasheet(HTML) 27 Page - Finechips

Back Button MC81F4104 Datasheet HTML 23Page - Finechips MC81F4104 Datasheet HTML 24Page - Finechips MC81F4104 Datasheet HTML 25Page - Finechips MC81F4104 Datasheet HTML 26Page - Finechips MC81F4104 Datasheet HTML 27Page - Finechips MC81F4104 Datasheet HTML 28Page - Finechips MC81F4104 Datasheet HTML 29Page - Finechips MC81F4104 Datasheet HTML 30Page - Finechips MC81F4104 Datasheet HTML 31Page - Finechips Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 118 page
background image
MC81F4104
October 19, 2009 Ver.1.35
27
7.11 Internal RC Oscillation Characteristics
(TA = - 40 C to + 85C, VDD = 2.2 V to 5.5 V)
Parameter
Symbol
Conditions
Min
Typ.
Max
Units
RC oscillator
frequency (1)
fIRC
VDD =5.5V, TA = 25 C
-4%
8.0
4%
MHz
VDD =5.5V,
TA = – 40 C to + 85 C
-20%
8.0
20%
Clock duty ratio
TOD
40
50
60
%
RC oscillator setup
time (2)
tSUIRC
TA = 25 C
10
mS
NOTES:
1. Data based on characterization results, not tested in production
2. XIN and XOUT pins can be used as I/O ports.
7.12 Main Oscillation Stabilization Time
(TA = - 40 C to + 85C, VDD = 2.2 V to 5.5 V)
Oscillator
Conditions
Min
Typ.
Max
Units
Crystal
fx > 1 MHz
Oscillation stabilization occurs when
VDD is equal to the minimum
oscillator voltage range.
60
mS
Ceramic
10
mS
External Clock
XIN input high and low width (tXH, tXL)
40.0
480
nS
XIN
0.8VDD
0.2VDD
tXH
t XL
1 / fx
Figure 7-8 Clock Timing Measurement at XIN


Similar Part No. - MC81F4104

ManufacturerPart No.DatasheetDescription
Finechips
Finechips
MC81F4204 FINECHIPS-MC81F4204 Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4204B FINECHIPS-MC81F4204B Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4204D FINECHIPS-MC81F4204D Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4204M FINECHIPS-MC81F4204M Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4204R FINECHIPS-MC81F4204R Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - MC81F4104

ManufacturerPart No.DatasheetDescription
Finechips
Finechips
MC81F4204 FINECHIPS-MC81F4204 Datasheet
3Mb / 150P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4216 FINECHIPS-MC81F4216 Datasheet
4Mb / 200P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
MC81F4332 FINECHIPS-MC81F4332 Datasheet
4Mb / 198P
   ABOV SEMICONDUCTOR 8-BIT SINGLE-CHIP MICROCONTROLLERS
KEC(Korea Electronics)
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
Leshan Radio Company
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
KEC(Korea Electronics)
KEC(Korea Electronics)
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
   SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
   SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
   SEMICONDUCTOR
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz