Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8031 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8031
Description  2.7 V, 800 uA, 80 MHz Rail-to-Rail I/O Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8031 Datasheet(HTML) 5 Page - Analog Devices

  AD8031 Datasheet HTML 1Page - Analog Devices AD8031 Datasheet HTML 2Page - Analog Devices AD8031 Datasheet HTML 3Page - Analog Devices AD8031 Datasheet HTML 4Page - Analog Devices AD8031 Datasheet HTML 5Page - Analog Devices AD8031 Datasheet HTML 6Page - Analog Devices AD8031 Datasheet HTML 7Page - Analog Devices AD8031 Datasheet HTML 8Page - Analog Devices AD8031 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD8031/AD8032
–5–
REV. B
ORDERING GUIDE
Temperature
Package
Package
Brand
Model
Range
Descriptions
Options
Code
AD8031AN
–40
°C to +85°C
8-Lead Plastic DIP
N-8
AD8031AR
–40
°C to +85°C
8-Lead SOIC
SO-8
AD8031AR-REEL
–40
°C to +85°C
13" Tape and Reel
SO-8
AD8031AR-REEL7
–40
°C to +85°C
7" Tape and Reel
SO-8
AD8031ART-REEL
–40
°C to +85°C
13" Tape and Reel
RT-5
H0A
AD8031ART-REEL7
–40
°C to +85°C
7" Tape and Reel
RT-5
H0A
AD8031BN
–40
°C to +85°C
8-Lead Plastic DIP
N-8
AD8031BR
–40
°C to +85°C
8-Lead SOIC
SO-8
AD8031BR-REEL
–40
°C to +85°C
13" Tape and Reel
SO-8
AD8031BR-REEL7
–40
°C to +85°C
7" Tape and Reel
SO-8
AD8032AN
–40
°C to +85°C
8-Lead Plastic DIP
N-8
AD8032AR
–40
°C to +85°C
8-Lead SOIC
SO-8
AD8032AR-REEL
–40
°C to +85°C
13" Tape and Reel
SO-8
AD8032AR-REEL7
–40
°C to +85°C
7" Tape and Reel
SO-8
AD8032ARM
–40
°C to +85°C
8-Lead
µSOIC
RM-8
H9A
AD8032ARM-REEL
–40
°C to +85°C
13" Tape and Reel
RM-8
H9A
AD8032ARM-REEL7
–40
°C to +85°C
7" Tape and Reel
RM-8
H9A
AD8032BN
–40
°C to +85°C
8-Lead Plastic DIP
N-8
AD8032BR
–40
°C to +85°C
8-Lead SOIC
SO-8
AD8032BR-REEL
–40
°C to +85°C
13" Tape and Reel
SO-8
AD8032BR-REEL7
–40
°C to +85°C
7" Tape and Reel
SO-8
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +12.6 V
Internal Power Dissipation
2
Plastic DIP Package (N) . . . . . . . . . . . . . . . . . . . 1.3 Watts
Small Outline Package (R) . . . . . . . . . . . . . . . . . . 0.8 Watts
µSOIC (RM) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.6 Watts
SOT-23-5 (RT) . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5 Watts
Input Voltage (Common-Mode) . . . . . . . . . . . . .
±V
S
± 0.5 V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . .
±3.4 V
Output Short Circuit Duration
. . . . . . . . . . . . . . . . . . . . . . Observe Power Derating Curves
Storage Temperature Range (N, R, RM, RT)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +125°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . . +300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Specification is for the device in free air:
8-Lead Plastic DIP Package:
θ
JA = 90°C/W.
8-Lead SOIC Package:
θ
JA = 155°C/W.
8-Lead
µSOIC Package: θ
JA = 200°C/W.
5-Lead SOT-23-5 Package:
θ
JA = 240°C/W.
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the
AD8031/AD8032 are limited by the associated rise in junction
temperature. The maximum safe junction temperature for plas-
tic encapsulated devices is determined by the glass transition
temperature of the plastic, approximately +150
°C. Exceeding
this limit temporarily may cause a shift in parametric perfor-
mance due to a change in the stresses exerted on the die by
the package. Exceeding a junction temperature of +175
°C for
an extended period can result in device failure.
While the AD8031/AD8032 are internally short circuit pro-
tected, this may not be sufficient to guarantee that the maxi-
mum junction temperature (+150
°C) is not exceeded under
all conditions. To ensure proper operation, it is necessary to
observe the maximum power derating curves shown in Figure 2.
AMBIENT TEMPERATURE – C
2.0
1.5
0
–50
80
–40 –30 –20 –10
0
10
20
30
40
50
60
70
1.0
0.5
90
TJ = +150 C
8-LEAD SOIC PACKAGE
8-LEAD
SOIC
SOT-23-5
8-LEAD PLASTIC
DIP PACKAGE
Figure 2. Maximum Power Dissipation vs. Temperature
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD8031/AD8032 feature proprietary ESD protection circuitry, permanent damage
may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE


Similar Part No. - AD8031

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8031 AD-AD8031 Datasheet
430Kb / 20P
   2.7 V, 800 關A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. C
AD8031 AD-AD8031 Datasheet
484Kb / 28P
   16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. C
AD8031AN AD-AD8031AN Datasheet
430Kb / 20P
   2.7 V, 800 關A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. C
AD8031ANZ AD-AD8031ANZ Datasheet
430Kb / 20P
   2.7 V, 800 關A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. C
AD8031ANZ AD-AD8031ANZ Datasheet
635Kb / 21P
   2.7 V, 800 muA, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. F
More results

Similar Description - AD8031

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8031ART AD-AD8031ART Datasheet
635Kb / 21P
   2.7 V, 800 muA, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. F
AD8031 AD-AD8031_15 Datasheet
419Kb / 20P
   2.7 V, 800 A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. G
AD8032 AD-AD8032_15 Datasheet
419Kb / 20P
   2.7 V, 800 A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. G
AD8031 AD-AD8031_06 Datasheet
430Kb / 20P
   2.7 V, 800 關A, 80 MHz Rail-to-Rail I/O Amplifiers
Rev. C
ADA4505-2ARMZ AD-ADA4505-2ARMZ Datasheet
846Kb / 24P
   10 UA, Rail-to-Rail I/O, Zero InputCrossover Distortion Amplifiers
Rev. D
logo
SG Micro Corp
SGM8049-1 SGMICRO-SGM8049-1 Datasheet
716Kb / 19P
   Rail-to-Rail I/O Operational Amplifiers
logo
Texas Instruments
OPA2354-Q1 TI1-OPA2354-Q1 Datasheet
727Kb / 23P
[Old version datasheet]   250 MHz, RAIL-TO-RAIL I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354 TI1-OPA354_16 Datasheet
1Mb / 44P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA354A-Q1 TI1-OPA354A-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
logo
SG Micro Corp
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
   Rail-to-Rail I/O CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com