Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4924 Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AO4924
Description  Asymmetric Dual N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4924 Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AO4924_11 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4924_11 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4924_11 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4924_11 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4924_11 Datasheet HTML 5Page - Alpha & Omega Semiconductors AO4924_11 Datasheet HTML 6Page - Alpha & Omega Semiconductors AO4924_11 Datasheet HTML 7Page - Alpha & Omega Semiconductors AO4924_11 Datasheet HTML 8Page - Alpha & Omega Semiconductors AO4924_11 Datasheet HTML 9Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AO4924
FET1 TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
DYNAMIC PARAMETERS
0
2
4
6
8
10
0
5
10
15
20
25
Qg (nC)
Figure 7: Gate-Charge Characteristics
0
500
1000
1500
2000
2500
0
5
10
15
20
25
30
VDS (Volts)
Figure 8: Capacitance Characteristics
Ciss
Coss
Crss
0.01
0.10
1.00
10.00
100.00
0.01
0.1
1
10
100
VDS (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area (Note E)
10
µs
10s
1ms
DC
RDS(ON)
limited
TJ(Max)=150°C
TA=25°C
100
µ
VDS=15V
ID=9A
0.001
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance (Note E)
D=Ton/T
TJ,PK=TA+PDM.ZθJA.RθJA
RθJA=90°C/W
Ton
T
PD
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
Single Pulse
0
10
20
30
40
50
0.0001
0.001
0.01
0.1
1
10
100
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-to-
Ambient (Note E)
TJ(Max)=175°C
TC=25°C
1s
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AO4924_11

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4924 AOSMD-AO4924 Datasheet
162Kb / 8P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
AO4924 KEXIN-AO4924 Datasheet
2Mb / 8P
   Dual N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4924 VBSEMI-AO4924 Datasheet
1Mb / 9P
   Dual N-Channel 30 V (D-S) MOSFET
More results

Similar Description - AO4924_11

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4922 AOSMD-AO4922_11 Datasheet
244Kb / 8P
   Asymmetric Dual N-Channel MOSFET
AO4940 AOSMD-AO4940_12 Datasheet
345Kb / 7P
   Asymmetric Dual N-Channel MOSFET
AO4932 AOSMD-AO4932_11 Datasheet
503Kb / 9P
   Asymmetric Dual N-Channel MOSFET
logo
Infineon Technologies A...
BSG0813NDI INFINEON-BSG0813NDI_16 Datasheet
376Kb / 14P
   Dual asymmetric N-channel OptiMOS?? MOSFET
Rev.2.1 2016-03-08
logo
Alpha & Omega Semicondu...
AON6920 AOSMD-AON6920 Datasheet
400Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
AON6906A AOSMD-AON6906A Datasheet
376Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com