Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8024AR-16 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8024AR-16
Description  Quad 350 MHz 24 V Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8024AR-16 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8024AR-16 Datasheet HTML 3Page - Analog Devices AD8024AR-16 Datasheet HTML 4Page - Analog Devices AD8024AR-16 Datasheet HTML 5Page - Analog Devices AD8024AR-16 Datasheet HTML 6Page - Analog Devices AD8024AR-16 Datasheet HTML 7Page - Analog Devices AD8024AR-16 Datasheet HTML 8Page - Analog Devices AD8024AR-16 Datasheet HTML 9Page - Analog Devices AD8024AR-16 Datasheet HTML 10Page - Analog Devices AD8024AR-16 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AD8024
–9–
REV. B
General
The AD8024 is a wide bandwidth, quad video amplifier. It offers a
high level of performance on 16 mA total quiescent supply cur-
rent for closed-loop gains of
±1 or greater.
Bandwidth up to 380 MHz, low differential gain and phase errors,
and high output current make the AD8024 an efficient video
amplifier.
The AD8024’s wide phase margin and high output current make it
an excellent choice when driving any capacitive load.
Choice of Feedback Resistor
Because it is a current feedback amplifier, the closed-loop
bandwidth of the AD8024 may be customized with the feed-
back resistor.
A larger feedback resistor reduces peaking and increases the
phase margin at the expense of reduced bandwidth. A smaller
feedback resistor increases bandwidth at the expense of increased
peaking and reduced phase margin.
The closed-loop bandwidth is affected by attenuation due to the
finite output resistance. The open-loop output resistance of
≈6 Ω
reduces the bandwidth somewhat when driving load resistors less
than
≈150 Ω. The bandwidth will be ≈10% greater for load resis-
tance above a few hundred ohms.
The value of the feedback resistor is not critical unless maintaining
the widest or flattest frequency response is desired. Table I shows
the bandwidth at different supply voltages for some useful closed-
loop gains when driving a 150
Ω load. The recommended resistors
are for the widest bandwidth with less than 2 dB peaking.
Table I. –3 dB Bandwidth vs. Closed-Loop Gain Resistor,
RL = 150
VS – Volts
Gain
RF
BW – MHz
±7.5
+1
5000
350
+2
750
275
+10
400
105
–1
750
165
±12
+1
8000
380
+10
215
150
–1
750
95
±2.5
+2
1125
125
Driving Capacitive Loads
When used in combination with the appropriate feedback resistor,
the AD8024 will drive any load capacitance without oscillation.
In accordance with the general rule for current feedback ampli-
fiers, increased load capacitance requires the use of a higher
feedback resistor for stable operation.
Due to the high open-loop transresistance and low inverting
input current of the AD8024, large feedback resistors do not
create large closed-loop gain errors. In addition, the high output
current allows rapid voltage slewing on large load capacitors.
For wide bandwidth and clean pulse response, an additional
small series output resistor of about 10
Ω is recommended.
+
AD8024
RF
RG
RT
RS
+VS
–VS
1.0 F
0.1 F
1.0 F
0.1 F
CL
VO
VIN
Figure 31. Circuit for Driving a Capacitive Load
VOUT
VIN
1V
20nS
2V
Figure 32. Pulse Response Driving a Large Load
Capacitance, CL = 300 pF, G = 3, RFB = 2.32 k
Ω,
RS = 10.5
Ω, RL = 1 kΩ, VS = ±7.5 V


Similar Part No. - AD8024AR-16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8024AR-REEL AD-AD8024AR-REEL Datasheet
166Kb / 12P
   Quad 350 MHz 24 V Amplifier
REV. C
AD8024AR-REEL7 AD-AD8024AR-REEL7 Datasheet
166Kb / 12P
   Quad 350 MHz 24 V Amplifier
REV. C
More results

Similar Description - AD8024AR-16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8024 AD-AD8024_16 Datasheet
186Kb / 13P
   Quad 350 MHz 24 V Amplifier
AD8024 AD-AD8024_01 Datasheet
166Kb / 12P
   Quad 350 MHz 24 V Amplifier
REV. C
AD8024 AD-AD8024_15 Datasheet
374Kb / 13P
   Quad 350 MHz 24 V Amplifier
REV. C
logo
Ultralife Corporation.
A-320V1-HKT ULTRALIFE-A-320V1-HKT Datasheet
780Kb / 2P
   350-450 MHz Amplifier Kit
5/30/14
logo
Texas Instruments
THS9001 TI-THS9001 Datasheet
451Kb / 17P
[Old version datasheet]   50 MHz to 350 MHz CASCADEABLE AMPLIFIER
logo
STMicroelectronics
THS9001 STMICROELECTRONICS-THS9001_08 Datasheet
601Kb / 20P
   50 MHz to 350 MHz CASCADEABLE AMPLIFIER
logo
Analog Devices
AD8012ARZ AD-AD8012ARZ Datasheet
475Kb / 17P
   Dual 350 MHz Low Power Amplifier
REV. B
AD8012 AD-AD8012_03 Datasheet
261Kb / 16P
   Dual 350 MHz Low Power Amplifier
REV. B
AD8012 AD-AD8012 Datasheet
414Kb / 15P
   Dual 350 MHz Low Power Amplifier
REV. A
logo
Ultralife Corporation.
A-320V1-H ULTRALIFE-A-320V1-H Datasheet
300Kb / 2P
   20-Watt 350-450 MHz Amplifier
4/8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com