Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8018ARU Datasheet(PDF) 10 Page - Analog Devices

Part # AD8018ARU
Description  5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8018ARU Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8018ARU Datasheet HTML 6Page - Analog Devices AD8018ARU Datasheet HTML 7Page - Analog Devices AD8018ARU Datasheet HTML 8Page - Analog Devices AD8018ARU Datasheet HTML 9Page - Analog Devices AD8018ARU Datasheet HTML 10Page - Analog Devices AD8018ARU Datasheet HTML 11Page - Analog Devices AD8018ARU Datasheet HTML 12Page - Analog Devices AD8018ARU Datasheet HTML 13Page - Analog Devices AD8018ARU Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
REV. 0
AD8018
–10–
P
V rmsV
V rms
R
IV
P
TOT
O
S
O
L
Q
S
OUT
+
+
40 8
1
2
2
(.
)
α
For the AD8018, operating on a single 5 V supply and deliver-
ing a total of 16 dBm (13 dBm to the line and 3 dBm to the
matching network) into 12.5
Ω (100 Ω reflected back through
a 1:4.0 transformer plus back termination), the power is:
= 261 mW + 40 mW
= 301 mW
Using these calculations, and a
θJA of 115°C/W for the TSSOP
package and 100
°C/W for the SOIC, Tables III and IV show
junction temperature versus power delivered to the line for sev-
eral supply voltages.
Table III. Junction Temperature vs. Line Power and
Operating Voltage for TSSOP, TAMB = 85 C
VSUPPLY
PLINE
56
7
8
13
115
122
129
136
14
117
125
132
140
15
119
127
136
144
16
121
130
139
148
17
123
133
143
153
18
125
136
147
158
Table IV. Junction Temperature vs. Line Power and
Operating Voltage for SOIC, TAMB = 85 C
VSUPPLY
PLINE, dBm
5
6
7
8
13
111
117
123
129
14
113
119
126
133
15
115
122
129
136
16
116
124
132
140
17
118
127
136
144
18
120
130
139
149
Running the AD8018 at voltages near 8 V can produce junction
temperatures that exceed the thermal rating of the TSSOP pack-
ages and should be avoided. The shaded areas indicate junction
temperatures greater than 150
°C.
LAYOUT CONSIDERATIONS
As is the case with all high-speed applications, careful attention
to printed circuit board layout details will prevent associated
board parasitics from becoming problematic. Proper RF design
technique is mandatory. The PCB should have a ground plane
covering all unused portions of the component side of the board
to provide a low-impedance return path. Removing the ground
plane on all layers from the area near the input and output pins
will reduce stray capacitance, particularly in the area of the
inverting inputs. Signal lines connecting the feedback and gain
resistors should be as short as possible to minimize the inductance
and stray capacitance associated with these traces. Termination
resistors and loads should be located as close as possible to their
respective inputs and outputs. Input and output traces should
be kept as far apart as possible to minimize coupling (crosstalk)
though the board. Adherence to stripline design techniques for
long signal traces (greater than about 1 inch) is recommended.
This circuit requires significant power supply bypassing. The
AD8018 operates on a split supply in this circuit. The bypassing
technique shown in TPC 13 utilizes a 220
µF tantalum capacitor
and a 0.1
µF ceramic chip capacitor in parallel, connected from
the positive to negative supply, and a 10
µF tantalum and 0.1 µF
ceramic chip capacitor in parallel, connected from each supply to
ground. The capacitors connected between the power supplies
serve to minimize any voltage ripples that might appear at the
supplies while sourcing or sinking any large differential current.
The large capacitor has a pool of charge instantly available for
the AD8018 to draw from, thus preventing any erroneous dis-
tortion results.
POWER DISSIPATION
It is important to consider the total power dissipation of the
AD8018 in order to properly size the heat sink area of an
application. Figure 8 is a simple representation of a differential
driver. With some simplifying assumptions we can estimate the
total power dissipated in this circuit. If the output current is
large compared to the quiescent current, computing the dissipa-
tion in the output devices and adding it to the quiescent power
dissipation will give a close approximation of the total power
dissipation in the package. A factor
α (~0.6-1) corrects for the
slight error due to the Class A/B operation of the output stage.
It can be estimated by subtracting the quiescent current in the
output stage from the total quiescent current and ratioing that
to the total quiescent current. For the AD8018,
α = 0.833.
+VS
–VS
+VO
+VS
–VS
–VO
RL
Figure 8. Simplified Differential Driver
Remembering that each output device dissipates for only half
the time gives a simple integral that computes the power for
each device:
1
2
2
×
(
)
VV
V
R
SO
O
L
The total supply power can then be computed as:
PV
V
V
R
IV
P
TOT
S
O
O
L
Q
S
OUT
=
− ∫
 ×+
+
4
1
2
2
||
α
In this differential driver, VO is the voltage at the output of one
amplifier, so 2 VO is the voltage across RL, which is the total
impedance seen by the differential driver, including back ter-
mination. Now, with two observations, the integrals are easily
evaluated. First, the integral of VO
2 is simply the square of the
rms value of VO. Second, the integral of |VO| is equal to the
average rectified value of VO, sometimes called the Mean Aver-
age Deviation, or MAD. It can be shown that for a DMT signal,
the MAD value is equal to 0.8 times the rms value.


Similar Part No. - AD8018ARU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8018ARUZ AD-AD8018ARUZ Datasheet
326Kb / 19P
   5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
REV. A
More results

Similar Description - AD8018ARU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8018AR-REEL7 AD-AD8018AR-REEL7 Datasheet
340Kb / 19P
   5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
REV. A
AD8018 AD-AD8018_15 Datasheet
340Kb / 19P
   5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
REV. A
AD8018ARUZ AD-AD8018ARUZ Datasheet
326Kb / 19P
   5 V, Rail-to-Rail, High-Output Current, xDSL Line Drive Amplifier
REV. A
AD8397 AD-AD8397_15 Datasheet
246Kb / 16P
   Rail-to-Rail, High Output Current Amplifier
REV. A
AD8397 AD-AD8397 Datasheet
379Kb / 16P
   Rail-to-Rail, High Output Current Amplifier
REV. 0
logo
STMicroelectronics
TS924 STMICROELECTRONICS-TS924 Datasheet
131Kb / 11P
   RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER
TS924 STMICROELECTRONICS-TS924_08 Datasheet
322Kb / 14P
   Rail-to-rail high output current quad operational amplifier
TS921 STMICROELECTRONICS-TS921_05 Datasheet
371Kb / 14P
   Rail-to-Rail High Output Current Single Operational Amplifier
TS921 STMICROELECTRONICS-TS921 Datasheet
115Kb / 11P
   RAIL TO RAIL HIGH OUTPUT CURRENT SINGLE OPERATIONAL AMPLIFIER
March 1999
TS922 STMICROELECTRONICS-TS922 Datasheet
117Kb / 11P
   RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
March 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com