Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4830 Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part # AO4830
Description  80V Dual N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4830 Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  AO4830 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4830 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4830 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4830 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4830 Datasheet HTML 5Page - Alpha & Omega Semiconductors AO4830 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AO4830
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance (Note F)
Single Pulse
D=Ton/T
TJ,PK=TA+PDM.ZθJA.RθJA
Ton
T
PD
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
RθJA=90°C/W
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AO4830

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO4830 KEXIN-AO4830 Datasheet
1Mb / 5P
   Dual N-Channel MOSFET
AO4830-HF KEXIN-AO4830-HF Datasheet
1Mb / 5P
   Dual N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4830L AOSMD-AO4830L Datasheet
147Kb / 6P
   Dual N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - AO4830

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS3890 FAIRCHILD-FDS3890 Datasheet
85Kb / 5P
   80V N-Channel Dual PowerTrench MOSFET
FDS3812 FAIRCHILD-FDS3812 Datasheet
86Kb / 5P
   80V N-Channel Dual PowerTrench MOSFET
logo
Bruckewell Technology L...
MS90N08 BWTECH-MS90N08 Datasheet
913Kb / 8P
   80V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4444L WHXPCB-AO4444L Datasheet
2Mb / 6P
   80V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB284L AOSMD-AOB284L Datasheet
249Kb / 5P
   80V N-Channel MOSFET
AOD2810 AOSMD-AOD2810 Datasheet
294Kb / 6P
   80V N-Channel MOSFET
AOD2816 AOSMD-AOD2816 Datasheet
2Mb / 6P
   80V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD9N08 FAIRCHILD-FQD9N08 Datasheet
536Kb / 9P
   80V N-Channel MOSFET
FQAF70N08 FAIRCHILD-FQAF70N08 Datasheet
662Kb / 8P
   80V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com