Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMR1U-02FL_SERIES Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMR1U-02FL_SERIES
Description  1.0A, 200V, 400V and 600V Ultra Fast Recovery Rectifi ers in the SMBFL package
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMR1U-02FL_SERIES Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMR1U-02FL_SERIES Datasheet HTML 1Page - Central Semiconductor Corp CMR1U-02FL_SERIES Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMBFL
Typical Electrical Characteristic
Central Semiconductor’s CMR1U-02FL series devices are
1.0 amp, surface mount, ultra fast recovery silicon rectifiers
packaged in the low profile SMBFL case. The SMBFL fits on
existing industry standard SMB mounting pad layouts.
1.0A, 200V, 400V and 600V Ultra Fast Recovery
Rectifiers in the SMBFL package
CMR1U-06FL
CMR1U-04FL
CMR1U-02FL
145 Adams Avenue
Hauppauge New York 11788 USA www.centralsemi.com
• Minimal switching losses
• Fits standard SMB mounting pads
Benefits:
Features:
• Ultra fast recovery time
• Low capacitance
• High reverse voltage capability
• Low package profile
Applications:
• DC-DC converters
• Flyback diode
• Freewheeling diode
Weblink:
Use QR reader
for direct link to
product web page,
or use: www.centralsemi.com/info/CMR1U-02FLSeries
To request samples visit:
www.centralsemi.com/info/CMR1U-02FLSeries
Samples
Maximum Ratings (TA = 25˚C unless otherwise noted)
Electrical Characteristics (TA = 25˚C unless otherwise noted)
Type No.
VRRM
(V)
MAX
IO
TL = 120˚C
(A)
MAX
TJ, Tstg
(˚C)
MAX
IFSM
(A)
MAX
VF
@ IF
(V)
(A)
MAX
IR
@ VR
(μA)
(V)
MAX
CJ
(pF)
TYP
trr
(ns)
MAX
CMR1U-02FL
200
1.0
-55 to +150
30
1.0
1.0
1.0
200
18
50
CMR1U-04FL
400
1.0
-55 to +150
30
1.3
1.0
1.0
400
10
50
CMR1U-06FL
600
1.0
-55 to +150
30
1.7
1.0
1.0
600
8.0
100
Package Profile Comparison:
The SMBFL has a
58% lower profile than the SMB
SMBFL
SMB
1.1mm
2.44mm
Product Brief
Product Brief


Similar Part No. - CMR1U-02FL_SERIES

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMR1U-02FL CENTRAL-CMR1U-02FL_15 Datasheet
500Kb / 2P
   RECOVERY SILICON RECTIFIER
More results

Similar Description - CMR1U-02FL_SERIES

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CBRLD1_SERIES CENTRAL-CBRLD1_SERIES Datasheet
1Mb / 2P
   1.0A, 200V thru 1000V Bridge Rectifi ers
logo
Sanyo Semicon Device
DCH10 SANYO-DCH10_10 Datasheet
193Kb / 3P
   High-Speed Rectifi ers,High-Frequency Rectifi ers
logo
KODENSHI_AUK CORP.
SF8A400H-1 KODENSHI-SF8A400H-1 Datasheet
287Kb / 5P
   400V, 8A ULTRAFAST RECOVERY RECTIFI
logo
Central Semiconductor C...
CMSH3-40FL CENTRAL-CMSH3-40FL Datasheet
1Mb / 2P
   3.0A, 40V Schottky Rectifier in the SMBFL package
CMSH1-40HE_SERIES CENTRAL-CMSH1-40HE_SERIES Datasheet
1Mb / 2P
   1.0A, 40V thru 200V Schottky Rectifiers in the SMA package
logo
SAMYANG ELECTRONICS CO....
1N4001G SAMYANG-1N4001G_V01 Datasheet
1Mb / 3P
   GLASS PASSIVATED RECTIFI ERS
logo
YENYO TECHNOLOGY Co., L...
US1AF YENYO-US1AF Datasheet
333Kb / 3P
   1.0A Ultra Fast Recovery Rectifier
logo
TAITRON Components Inco...
TUF101 TAITRON-TUF101 Datasheet
136Kb / 4P
   1.0A Ultra Fast Recovery Rectifier
logo
YENYO TECHNOLOGY Co., L...
US1000FL YENYO-US1000FL Datasheet
250Kb / 2P
   1.0A Ultra Fast Recovery Rectifier
logo
Central Semiconductor C...
CBRLDSH2-60_CBRLDSH2-100 CENTRAL-CBRLDSH2-60_CBRLDSH2-100 Datasheet
1Mb / 2P
   2.0A, 60V and 100V Bridge Rectifi ers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com