Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4801 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AO4801
Description  30V P-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4801 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AO4801 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4801 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4801 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4801 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4801 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AO4801
30V P-Channel MOSFET
General Description
Product Summary
VDS
ID (at VGS=-10V)
-5A
RDS(ON) (at VGS=-10V)
< 48m
RDS(ON) (at VGS =-4.5V)
< 57m
RDS(ON) (at VGS =-2.5V)
< 80m
100% UIS Tested
100% Rg Tested
Symbol
VDS
VGS
IDM
IAS, IAR
EAS, EAR
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Steady-State
RθJL
°C
Thermal Characteristics
Junction and Storage Temperature Range
-55 to 150
Units
Parameter
Typ
Max
74
62.5
±12
Gate-Source Voltage
2
1.3
11
TA=25°C
Drain-Source Voltage
-30
The AO4801 uses advanced trench technology to provide
excellent RDS(ON), low gate charge and operation with gate
voltages as low as 2.5V. This device is suitable for use as
a load switch or in PWM applications. It may be used in a
common drain arrangement to form a bidirectional
blocking switch.
V
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
-30V
Maximum
V
TA=70°C
A
ID
-28
-5
-4
mJ
Avalanche Current
C
18
A
Maximum Junction-to-Ambient
A
°C/W
TA=25°C
TA=70°C
Power Dissipation
B
PD
Avalanche energy L=0.3mH
C
Pulsed Drain Current
C
Continuous Drain
Current
W
Maximum Junction-to-Lead
°C/W
°C/W
Maximum Junction-to-Ambient
A D
32
90
40
RθJA
48
G1
D1
S1
G2
D2
S2
SOIC-8
Top View
Bottom View
Pin1
G1
S1
G2
S2
D1
D1
D2
D2
1
2
3
4
8
7
6
5
SOIC-8
Top View
Rev 4: Feb. 2011
www.aosmd.com
Page 1 of 5


Similar Part No. - AO4801

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4801 AOSMD-AO4801 Datasheet
110Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
AO4801 KEXIN-AO4801 Datasheet
1Mb / 4P
   Dual P-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4801 VBSEMI-AO4801 Datasheet
1Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
logo
Alpha & Omega Semicondu...
AO4801A AOSMD-AO4801A Datasheet
127Kb / 4P
   Dual P-Channel Enhancement Mode Field Effect Transistor
AO4801A AOSMD-AO4801A Datasheet
279Kb / 5P
   30V P-Channel MOSFET
More results

Similar Description - AO4801

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4447A AOSMD-AO4447A Datasheet
194Kb / 5P
   30V P-Channel MOSFET
AO4801A AOSMD-AO4801A_11 Datasheet
279Kb / 5P
   30V P-Channel MOSFET
AON2705 AOSMD-AON2705 Datasheet
398Kb / 6P
   30V P-Channel MOSFET
AOD403 AOSMD-AOD403_11 Datasheet
414Kb / 6P
   30V P-Channel MOSFET
AO4415 AOSMD-AO4415 Datasheet
172Kb / 4P
   30V P-Channel MOSFET
AO3407A AOSMD-AO3407A_11 Datasheet
489Kb / 5P
   30V P-Channel MOSFET
AO3409 AOSMD-AO3409_11 Datasheet
239Kb / 5P
   30V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com