Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8009ART Datasheet(PDF) 11 Page - Analog Devices

Part # AD8009ART
Description  1 GHz, 5,500 V/us Low Distortion Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8009ART Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8009ART Datasheet HTML 4Page - Analog Devices AD8009ART Datasheet HTML 5Page - Analog Devices AD8009ART Datasheet HTML 6Page - Analog Devices AD8009ART Datasheet HTML 7Page - Analog Devices AD8009ART Datasheet HTML 8Page - Analog Devices AD8009ART Datasheet HTML 9Page - Analog Devices AD8009ART Datasheet HTML 10Page - Analog Devices AD8009ART Datasheet HTML 11Page - Analog Devices AD8009ART Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD8009
–11–
REV. B
Driving a Capacitive Load
A capacitive load, like that presented by some A/D converters,
can sometimes be a challenge for an op amp to drive depending
on the architecture of the op amp. Most of the problem is
caused by the pole created by the output impedance of the op
amp and the capacitor that is driven. This creates extra phase
shift that can eventually cause the op amp to become unstable.
One way to prevent instability and improve settling time when
driving a capacitor is to insert a resistor in series between the op
amp output and the capacitor. The feedback resistor is still
connected directly to the output of the op amp, while the series
resistor provides some isolation of the capacitive load from the
op amp output.
10 F
+
0.1 F
0.001 F
10 F
+
0.1 F
0.001 F
AD8009
49.9
+5V
–5V
3
2
4
RT
RS
CL
50pF
2VSTEP
7
6
RF
RG
G = + 2: RF = 301 = RG
G = + 10: RF = 200 , RG = 22.1
Figure 39. Capacitive Load Drive Circuit
Figure 39 shows such a circuit with an AD8009 driving a 50 pF
load. With RS = 0, the AD8009 circuit will be unstable. For a
gain of +2 and +10, it was found experimentally that setting RS
to 42.2
Ω will minimize the 0.1% settling time with a 2 V step at
the output. The 0.1% settling time was measured to be 40 ns with
this circuit.
For smaller capacitive loads, a smaller RS will yield optimal
settling time, while a larger RS will be required for larger
capacitive loads. Of course, a larger capacitance will always
require more time for settling to a given accuracy than a smaller
one, and this will be lengthened by the increase in RS required.
At best, a given RC combination will require about 7 time
constants by itself to settle to 0.1%, so a limit will be reached
where too large a capacitance cannot be driven by a given
op amp and still meet the system’s required settling time
specification.


Similar Part No. - AD8009ART

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8009AR AD-AD8009AR Datasheet
392Kb / 16P
   1 GHz, 5,500 V/??Low Distortion Amplifier
REV. F
AD8009AR-REEL AD-AD8009AR-REEL Datasheet
392Kb / 16P
   1 GHz, 5,500 V/??Low Distortion Amplifier
REV. F
AD8009AR-REEL7 AD-AD8009AR-REEL7 Datasheet
392Kb / 16P
   1 GHz, 5,500 V/??Low Distortion Amplifier
REV. F
AD8009ARZ AD-AD8009ARZ Datasheet
392Kb / 16P
   1 GHz, 5,500 V/??Low Distortion Amplifier
REV. F
AD8009ARZ-REEL AD-AD8009ARZ-REEL Datasheet
392Kb / 16P
   1 GHz, 5,500 V/??Low Distortion Amplifier
REV. F
More results

Similar Description - AD8009ART

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8009 AD-AD8009_04 Datasheet
392Kb / 16P
   1 GHz, 5,500 V/??Low Distortion Amplifier
REV. F
AD8350 AD-AD8350_17 Datasheet
247Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
AD8350ARMZ15 AD-AD8350ARMZ15 Datasheet
370Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
REV. B
AD8350 AD-AD8350_01 Datasheet
228Kb / 16P
   Low Distortion 1.0 GHz Differential Amplifier
REV. A
AD8350 AD-AD8350 Datasheet
179Kb / 11P
   Low Distortion 1.0 GHz Differential Amplifier
REV. 0
AD8350 AD-AD8350_15 Datasheet
370Kb / 14P
   Low Distortion 1.0 GHz Differential Amplifier
REV. B
logo
Texas Instruments
THS3201-EP TI1-THS3201-EP Datasheet
882Kb / 32P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
THS3201 TI-THS3201 Datasheet
754Kb / 29P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
THS3201 TI1-THS3201_14 Datasheet
1Mb / 40P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT-FEEDBACK AMPLIFIER
THS3201-EP TI1-THS3201-EP_14 Datasheet
1Mb / 34P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com