Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8005ART-REEL Datasheet(PDF) 7 Page - Analog Devices

Part # AD8005ART-REEL
Description  270 MHz, 400 uA Current Feedback Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8005ART-REEL Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8005ART-REEL Datasheet HTML 3Page - Analog Devices AD8005ART-REEL Datasheet HTML 4Page - Analog Devices AD8005ART-REEL Datasheet HTML 5Page - Analog Devices AD8005ART-REEL Datasheet HTML 6Page - Analog Devices AD8005ART-REEL Datasheet HTML 7Page - Analog Devices AD8005ART-REEL Datasheet HTML 8Page - Analog Devices AD8005ART-REEL Datasheet HTML 9Page - Analog Devices AD8005ART-REEL Datasheet HTML 10Page - Analog Devices AD8005ART-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD8005
–7–
REV. A
FREQUENCY – MHz
0.1
100
110
–5
–10
–55
–15
–20
–25
–30
–35
–40
–45
–50
VS = +5V OR 5V
G = +2
RL = 1k
0.03
Figure 16. CMRR vs. Frequency; VS = +5 V or ±5 V
FREQUENCY – MHz
0.1
100
110
1
100
10
VS = +5V AND 5V
RL = 1k
G = +2
0.03
500
VS = +5V
VS = 5V
Figure 17. Output Resistance vs. Frequency;
VS = ±5 V and +5 V
FREQUENCY – MHz
0.1
100
110
–80
10
0
VS = +5V OR
5V
G = +2
RL = 1k
0.03
500
–PSRR
+PSRR
–70
–60
–50
–40
–30
–20
–10
Figure 18. PSRR vs. Frequency; VS = +5 V or ±5 V
FREQUENCY – Hz
12.5
10.0
0
10
10M
100
1k
10k
100k
1M
7.5
5.0
2.5
Figure 19. Noise vs. Frequency; VS = +5 V or ±5 V
FREQUENCY – Hz
62.5
50.0
0
10
10M
100
1k
10k
100k
1M
37.5
25.0
12.5
INVERTING CURRENT
NONINVERTING CURRENT
Figure 20. Noise vs. Frequency; VS = +5 V or ±5 V
10
0%
100
90
VS = 5V
G = +6
RL = 1k
VOUT
150ns
1V
2V
VIN
Figure 21.
±Overdrive Recovery, V
S = ±5 V, VIN = 2 V Step


Similar Part No. - AD8005ART-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8005ART-REEL AD-AD8005ART-REEL Datasheet
171Kb / 12P
   270 MHz, 400 mA Current Feedback Amplifier
REV. A
AD8005ART-REEL7 AD-AD8005ART-REEL7 Datasheet
171Kb / 12P
   270 MHz, 400 mA Current Feedback Amplifier
REV. A
More results

Similar Description - AD8005ART-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8005ARTZ-REEL7 AD-AD8005ARTZ-REEL7 Datasheet
171Kb / 12P
   270 MHz, 400 mA Current Feedback Amplifier
REV. A
AD8005ARZ AD-AD8005ARZ Datasheet
187Kb / 12P
   270 MHz, 400 關A Current Feedback Amplifier
REV. A
AD8005 AD-AD8005_15 Datasheet
376Kb / 16P
   270 MHz, 400A Current Feedback Amplifier
REV. B
AD8011ARZ-REEL AD-AD8011ARZ-REEL Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
AD8011ANZ AD-AD8011ANZ Datasheet
206Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
logo
Elantec Semiconductor
EL2030 ELANTEC-EL2030 Datasheet
408Kb / 16P
   120 MHz Current Feedback Amplifier
EL2020D ELANTEC-EL2020D Datasheet
422Kb / 2P
   50 MHz Current Feedback Amplifier
EL2020C ELANTEC-EL2020C Datasheet
409Kb / 20P
   50 MHz Current Feedback Amplifier
EL2130C ELANTEC-EL2130C Datasheet
230Kb / 8P
   85 MHz Current Feedback Amplifier
logo
Analog Devices
AD8011 AD-AD8011_03 Datasheet
267Kb / 16P
   300 MHz Current Feedback Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com