Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8001ART-REEL7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8001ART-REEL7
Description  800 MHz, 50 mW Current Feedback Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8001ART-REEL7 Datasheet(HTML) 1 Page - Analog Devices

  AD8001ART-REEL7 Datasheet HTML 1Page - Analog Devices AD8001ART-REEL7 Datasheet HTML 2Page - Analog Devices AD8001ART-REEL7 Datasheet HTML 3Page - Analog Devices AD8001ART-REEL7 Datasheet HTML 4Page - Analog Devices AD8001ART-REEL7 Datasheet HTML 5Page - Analog Devices AD8001ART-REEL7 Datasheet HTML 6Page - Analog Devices AD8001ART-REEL7 Datasheet HTML 7Page - Analog Devices AD8001ART-REEL7 Datasheet HTML 8Page - Analog Devices AD8001ART-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD8001
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
800 MHz, 50 mW
Current Feedback Amplifier
FEATURES
Excellent Video Specifications (RL = 150
, G = +2)
Gain Flatness 0.1 dB to 100 MHz
0.01% Differential Gain Error
0.025 Differential Phase Error
Low Power
5.5 mA Max Power Supply Current (55 mW)
High Speed and Fast Settling
880 MHz, –3 dB Bandwidth (G = +1)
440 MHz, –3 dB Bandwidth (G = +2)
1200 V/ s Slew Rate
10 ns Settling Time to 0.1%
Low Distortion
–65 dBc THD, f
C = 5 MHz
33 dBm 3rd Order Intercept, F1 = 10 MHz
–66 dB SFDR, f = 5 MHz
High Output Drive
70 mA Output Current
Drives Up to Four Back-Terminated Loads (75
Each)
While Maintaining Good Differential Gain/Phase
Performance (0.05%/0.25 )
APPLICATIONS
A-to-D Driver
Video Line Driver
Professional Cameras
Video Switchers
Special Effects
RF Receivers
FUNCTIONAL BLOCK DIAGRAMS
8-Lead DIP (N-8, Q-8)
5-Lead
and SOIC (SO-8)
SOT-23-5
1
2
3
4
8
7
6
5
AD8001
NC
NC
–IN
NC
+IN
NC = NO CONNECT
OUT
V–
V+
1
VOUT
AD8001
–VS
+IN
2
34
5 +VS
–IN
PRODUCT DESCRIPTION
The AD8001 is a low power, high-speed amplifier designed
to operate on
±5 V supplies. The AD8001 features unique
9
6
–12
10M
100M
1G
3
0
–3
–6
–9
FREQUENCY – Hz
VS = 5V
RFB = 820
VS = 5V
RFB = 1k
G = +2
RL = 100
Figure 1. Frequency Response of AD8001
transimpedance linearization circuitry. This allows it to drive
video loads with excellent differential gain and phase perfor-
mance on only 50 mW of power. The AD8001 is a current
feedback amplifier and features gain flatness of 0.1 dB to 100 MHz
while offering differential gain and phase error of 0.01% and
0.025
°. This makes the AD8001 ideal for professional video
electronics such as cameras and video switchers. Additionally,
the AD8001’s low distortion and fast settling make it ideal for
buffer high-speed A-to-D converters.
The AD8001 offers low power of 5.5 mA max (VS =
±5 V) and
can run on a single +12 V power supply, while being capable of
delivering over 70 mA of load current. These features make this
amplifier ideal for portable and battery-powered applications
where size and power are critical.
The outstanding bandwidth of 800 MHz along with 1200 V/
µs
of slew rate make the AD8001 useful in many general purpose
high-speed applications where dual power supplies of up to
±6 V
and single supplies from 6 V to 12 V are needed. The AD8001 is
available in the industrial temperature range of –40
°C to +85°C.
Figure 2. Transient Response of AD8001; 2 V Step, G = +2


Similar Part No. - AD8001ART-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8001ART-REEL7 AD-AD8001ART-REEL7 Datasheet
335Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001ART-REEL7 AD-AD8001ART-REEL7 Datasheet
490Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001ART-REEL7 AD-AD8001ART-REEL7 Datasheet
329Kb / 17P
   Current Feedback Amplifier
More results

Similar Description - AD8001ART-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8001ANZ AD-AD8001ANZ Datasheet
562Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001ARTZ-REEL7 AD-AD8001ARTZ-REEL7 Datasheet
388Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001_15 Datasheet
562Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001_03 Datasheet
335Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001ARZ AD-AD8001ARZ Datasheet
490Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002 AD-AD8002_01 Datasheet
372Kb / 20P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002 AD-AD8002 Datasheet
351Kb / 18P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8002ARZ AD-AD8002ARZ Datasheet
373Kb / 20P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002 AD-AD8002_15 Datasheet
590Kb / 21P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002ARZ-R7 AD-AD8002ARZ-R7 Datasheet
373Kb / 20P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com