Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4720 Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AO4720
Description  30V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4720 Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AO4720_10 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4720_10 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4720_10 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4720_10 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4720_10 Datasheet HTML 5Page - Alpha & Omega Semiconductors AO4720_10 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AO4720
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
DYNAMIC PARAMETERS
0
2
4
6
8
10
0
5
10
15
20
25
Qg (nC)
Figure 7: Gate-Charge Characteristics
0
400
800
1200
1600
2000
0
5
10
15
20
25
30
VDS (Volts)
Figure 8: Capacitance Characteristics
Ciss
Coss
Crss
0.0
0.1
1.0
10.0
100.0
1000.0
0.1
1
10
100
VDS (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area (Note E)
10
µs
10ms
1ms
DC
RDS(ON)
limited
TJ(Max)=150°C
TA=25°C
100
µ
1s
10s
VDS=15V
ID=13A
0
20
40
60
80
100
0.0001
0.001
0.01
0.1
1
10
100
Pulse Width (s)
Figure10: Single Pulse Power Rating Junction-to-
Ambient (Note E)
TJ(Max)=150°C
TA=25°C
0.001
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance (Note E)
D=Ton/T
TJ,PK=TA+PDM.ZθJA.RθJA
RθJA=75°C/W
Ton
T
PD
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
Single Pulse
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AO4720_10

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4720 AOSMD-AO4720 Datasheet
133Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
AO4720 KEXIN-AO4720 Datasheet
1Mb / 4P
   N-Channel MOSFET
More results

Similar Description - AO4720_10

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4304 AOSMD-AO4304 Datasheet
537Kb / 6P
   30V N-Channel MOSFET
AO4772 AOSMD-AO4772 Datasheet
294Kb / 6P
   30V N-Channel MOSFET
AO4476A AOSMD-AO4476A Datasheet
371Kb / 6P
   30V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com