Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRM1W100RMTR Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # SRM1W100RMTR
Description  Anti-Surge Resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

SRM1W100RMTR Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  SRM1W100RMTR Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION SRM1W100RMTR Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Anti-Surge
r
SR
C/M Series
-
MERITEK
Replaces 1 and 2 watt carbon composition resistors.
Withstands high peak power and offers 10% tolerance
Withstands high energy density demands
SRC/M
1/2W
- VALUE
J
TR
Standard
SRC1/2W
11.5±1.0
4.5±0.5
35±2.0
0.78±0.03
SRC1W
15.5±1.0
5.0±0.5
32±2.0
0.78±0.03
SRC2W
17.5±1.0
6.5±0.5
35±2.0
0.78±0.03
SRM1/2W
11.5±1.0
4.5±0.5
35±2.0
0.78±0.03
SRM1W
15.5±1.0
5.0±0.5
32±2.0
0.78±0.03
SRM2W
15.5±1.0
5.0±0.5
35±2.0
0.78±0.03
10Ω~10KΩ(±10%)
3~9Ω9(±20%)
1K~1M(±10%)
1
B = Bulk; TR = Tape & Reel
Resistance Tolerance (e.g J = +/-5% , K = +/- 10%, M=+/-20% )
Resistance Value (e.g. 0R1, 1R, 10R, 100R, 1K, 10K, 100K, 1M, 10M)
Power Rating
Surge Resistor Series
The Anti-Surge Resistor can replace carbon composition resistors.
It offers enhanced performance in high voltage power supplies.
Surface temp. rise
Power graph
APPLIED LOAD % OF RWV


Similar Part No. - SRM1W100RMTR

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SRM10 SSDI-SRM10 Datasheet
137Kb / 2P
   STANDARD RECOVERY RECTIFIER
SRM10 SSDI-SRM10 Datasheet
25Kb / 2P
   20 AMP 500 - 1000 VOLTS 5 usec STANDARD RECOVERY RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SRM10L60CT YFWDIODE-SRM10L60CT Datasheet
1,021Kb / 4P
   Trench MOS Barrier Schottky Rectifier
SRM10L60CT YFWDIODE-SRM10L60CT Datasheet
1,021Kb / 4P
   Low VF Schottky Rectifier
SRM10L60CT YFWDIODE-SRM10L60CT_V01 Datasheet
1,021Kb / 4P
   Low VF Schottky Rectifier
More results

Similar Description - SRM1W100RMTR

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
ASR SEI-ASR Datasheet
728Kb / 9P
   Anti-Surge Resistor
06/30/2021
logo
Bourns Electronic Solut...
CRS-A BOURNS-CRS-A Datasheet
777Kb / 5P
   High Power Anti-Surge Resistor
logo
KOA Speer Electronics, ...
RCR25C KOA-RCR25C Datasheet
96Kb / 2P
   anti-surge power type leaded resistor
logo
Rohm
ESR25 ROHM-ESR25 Datasheet
72Kb / 5P
   Anti-surge thick film chip resistor
ESR25 ROHM-ESR25_08 Datasheet
76Kb / 5P
   Anti-surge thick film chip resistor
ESR01 ROHM-ESR01 Datasheet
147Kb / 4P
   Anti-surge thick film chip resistor
logo
KOA Speer Electronics, ...
RCR50ENCT52A105J KOA-RCR50ENCT52A105J Datasheet
255Kb / 2P
   anti-surge power type leaded resistor
logo
Bourns Electronic Solut...
CRS BOURNS-CRS Datasheet
370Kb / 4P
   High Power Anti-Surge Chip Resistor
logo
Rohm
ESR03 ROHM-ESR03 Datasheet
70Kb / 5P
   Anti-surge thick film chip resistor
ESR03 ROHM-ESR03_09 Datasheet
169Kb / 4P
   Anti-surge thick film chip resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com