Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRM1W0R1KTR Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # SRM1W0R1KTR
Description  Anti-Surge Resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

SRM1W0R1KTR Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  SRM1W0R1KTR Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION SRM1W0R1KTR Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Anti-Surge
r
SR
C/M Series
-
MERITEK
SRC-1/2W
1/2W
200V
400V
500V
10KV
SRC-1W
1W
300V
600V
500V
14KV
SRC-2W
2W
400V
800V
500V
18KV
SRM-1/2W
1/2W
200V
400V
500V
10KV
SRM-1W
1W
300V
600V
500V
15KV
SRM-2W
2W
400V
800V
500V
25KV
-40℃ to+200℃
特性
TEST CHARACTERISTICS
Test Methods
SPECIFICATIONS
Short time overload
Rated Voltage X 2.5 or Max. overload Vol., whichever is
lower, for 5sec.
±(
1.0%+0.05Ω)
SRx1/4W = 3KV
SRx1/2W = 10KV
SRx1W = 10KV
SRx2W = 10KV
±(
20%+0.05Ω)
Load Life
SSRC : 1000 hours at rated voltage, 40 90 min
ON】30 min【OFF】
SSRM : 1000 hours at rated voltage, 70 90 min
ON】30 min【OFF】
±(
5.0%+0.05Ω)
Surge Voltage
Characteristics
(EN60065 TEST)
Discharge Test : 10KV 1000pf capacitor, Input pulse 50
time at 1 pulse / 5sec. max.
Resistance to soldering
temperature
260℃±5℃,at 10s±1s or 350℃±10℃,at 3.5s±0.5s
±(
1.0%+0.05Ω)
Moisture resistance
40℃±2℃, at 90%~95%RH,1000h. Power cycle is
90 min【ON】30 min【OFF】
±(
5.0%+0.05Ω)
Terminal strength
Direct load for 10 sec. In the direction of the terminal leads.
Tensile strngth:≧2.5kg
TEMPERATURE
COEFFICIENT(T.C.R.)
Resistance value at room Temperature and room
Temperature+100℃
SRC<10K= ±300ppm
SRM
10K= ±200ppm
2
MAX.
WORKING
VOLTAGE
MAX.
OVERLOAD
VOLTAGE
DIELECTRIC
WITHSTANDING
VOLTAGE
MAX.
SURGE
VOLTAGE
*
*
* Power cycle is 90 min on and 30 min off


Similar Part No. - SRM1W0R1KTR

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SRM10 SSDI-SRM10 Datasheet
137Kb / 2P
   STANDARD RECOVERY RECTIFIER
SRM10 SSDI-SRM10 Datasheet
25Kb / 2P
   20 AMP 500 - 1000 VOLTS 5 usec STANDARD RECOVERY RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SRM10L60CT YFWDIODE-SRM10L60CT Datasheet
1,021Kb / 4P
   Trench MOS Barrier Schottky Rectifier
SRM10L60CT YFWDIODE-SRM10L60CT Datasheet
1,021Kb / 4P
   Low VF Schottky Rectifier
SRM10L60CT YFWDIODE-SRM10L60CT_V01 Datasheet
1,021Kb / 4P
   Low VF Schottky Rectifier
More results

Similar Description - SRM1W0R1KTR

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
ASR SEI-ASR Datasheet
728Kb / 9P
   Anti-Surge Resistor
06/30/2021
logo
Bourns Electronic Solut...
CRS-A BOURNS-CRS-A Datasheet
777Kb / 5P
   High Power Anti-Surge Resistor
logo
KOA Speer Electronics, ...
RCR25C KOA-RCR25C Datasheet
96Kb / 2P
   anti-surge power type leaded resistor
logo
Rohm
ESR25 ROHM-ESR25 Datasheet
72Kb / 5P
   Anti-surge thick film chip resistor
ESR25 ROHM-ESR25_08 Datasheet
76Kb / 5P
   Anti-surge thick film chip resistor
ESR01 ROHM-ESR01 Datasheet
147Kb / 4P
   Anti-surge thick film chip resistor
logo
KOA Speer Electronics, ...
RCR50ENCT52A105J KOA-RCR50ENCT52A105J Datasheet
255Kb / 2P
   anti-surge power type leaded resistor
logo
Bourns Electronic Solut...
CRS BOURNS-CRS Datasheet
370Kb / 4P
   High Power Anti-Surge Chip Resistor
logo
Rohm
ESR03 ROHM-ESR03 Datasheet
70Kb / 5P
   Anti-surge thick film chip resistor
ESR03 ROHM-ESR03_09 Datasheet
169Kb / 4P
   Anti-surge thick film chip resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com