Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN73C3ATP1001B Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # RN73C3ATP1001B
Description  Precision Thin Film Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

RN73C3ATP1001B Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  RN73C3ATP1001B Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION RN73C3ATP1001B Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION RN73C3ATP1001B Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION RN73C3ATP1001B Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION RN73C3ATP1001B Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
 
 
 
Rev. 7
 
Precision Thin Film Chip Resistors
RN73 Series
 
Feature
Advanced thin film technology
Very tight tolerance down to ±0.01%
Extremely low TCR down to ±5 PPM/°C
Wide resistance range 1 ohm ~ 3M ohm
Miniature size 0201 available
  
 
 
PART NUMBERING SYSTEM
RN73
F
2A
TD
1001 C
Precision Thin Film Chip Resistors
Code
B
C
D
F
G
TCR(PPM/°C)
±5
±10
±15
±25
±50
Code 1H
1E
1J
2A
2B
2E
2H
3A
Size 0201 0402 0603 0805 1206 1210 2010 2512
------
Bulk
TD
Paper Tape(Reel) (1H,1E,1J,2A,2B,2E)
TE
Plastic Tape(Reel) (2H,3A)
TP
Paper Tape(1E)
Resistance Value
1% - 4 digits, First 3 are significant, Forth is multiplier (10
X)
Resistance Tolerance
Code
A
B
C
D
F
Value
± 0.05%
± 0.1%
± 0.25%
± 0.5%
± 1%
Dimensions 
 
 
 
 
 
 
 
 
Alumina Substrate
Resistor Layer (NiCr)
Bottom Electrode (Ag) Overcoat (Epoxy)
Top Electrode (Ag-Pd) Marking
Edge Electrode (NiCr)
Barrier Layer (Ni)
External Electrode (Sn)
Type
Size
(Inch)
L
W
T
D1
D2
Weight
(g)
(1000pcs)
1H
0201
0.58±0.05
0.29±0.05
0.23±0.05
0.12±0.05
0.15±0.05
0.14
1E
0402
1.00±0.05
0.50±0.05
0.30±0.05
0.20±0.10
0.20±0.10
0.54
1J
0603
1.55±0.10
0.80±0.10
0.45±0.10
0.30±0.20
0.30±0.20
1.83
2A
0805
2.00±0.15
1.25±0.15
0.55±0.10
0.30±0.20
0.40±0.20
4.71
2B
1206
3.05±0.15
1.55±0.15
0.55±0.10
0.42±0.20
0.35±0.25
9.02
2E
1210
3.10±0.15
2.40±0.15
0.55±0.10
0.40±0.20
0.55±0.25
10
2H
2010
4.90±0.15
2.40±0.15
0.55±0.10
0.60±0.30
0.50±0.25
23.61
3A
2512
6.30±0.15
3.10±0.15
0.55±0.10
0.60±0.30
0.50±0.25
38.06


Similar Part No. - RN73C3ATP1001B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RN73C3A100KATDF ETC2-RN73C3A100KATDF Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
RN73C3A100KATG ETC2-RN73C3A100KATG Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
RN73C3A100KATG ETC2-RN73C3A100KATG Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
RN73C3A100KBTDF ETC2-RN73C3A100KBTDF Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
RN73C3A100KBTG ETC2-RN73C3A100KBTG Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
More results

Similar Description - RN73C3ATP1001B

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRT0603-CV-1003ELF BOURNS-CRT0603-CV-1003ELF Datasheet
425Kb / 4P
   Thin Film Precision Chip Resistors
logo
TT Electronics.
PFC-W0603LF-03 TTELEC-PFC-W0603LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MCS0402AT VISHAY-MCS0402AT_V01 Datasheet
150Kb / 10P
   Precision Thin Film Chip Resistors
01-Jan-2022
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
   Thin Film Precision Chip Resistors
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
   Precision Thin Film Chip Resistors
Revision: 16-Jan-13
logo
TT Electronics.
PFC-W0805LF-03 TTELEC-PFC-W0805LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
PFC-W1206LF-03 TTELEC-PFC-W1206LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MCS-0402-AT VISHAY-MCS-0402-AT Datasheet
151Kb / 10P
   Precision Thin Film Chip Resistors
Revision: 21-Feb-17
logo
List of Unclassifed Man...
PFC-W1206LF-03-1001-B ETC-PFC-W1206LF-03-1001-B Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com