Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASP-149118-01 Datasheet(PDF) 2 Page - Samtec, Inc

Part # ASP-149118-01
Description  REPRESENTS A CRITICAL DIMENSION
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

ASP-149118-01 Datasheet(HTML) 2 Page - Samtec, Inc

  ASP-149118-01 Datasheet HTML 1Page - Samtec, Inc ASP-149118-01 Datasheet HTML 2Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1.75 (TYP)
6.631
3.483
1.00 (TYP)
1.95 (TYP)
'C'
SECTION "A"-"A"
9.874 REF
4.85±0.05 (TYP)
5.75±0.05 (TYP)
DETAIL 'C'
SCALE 4 : 1
C5
C6
0.10 Z
0.10 Z
26.70
30°
1.54
1.000
28.00 REF
25.83±0.05
'D'
'E'
SECTION "B"-"B"
C3
C4
0.10 X Z
0.10 X
-X-
0.10 X
1.55
1.50
2.35±0.05
(SEE NOTE 8)
0.20
45°
(TYP)
20°
0.39
2.00
R0.40 (TYP)
DETAIL 'D'
SCALE 8 : 1
C7
0.09 REF
25.83 REF
DETAIL 'E'
SCALE 8 : 1
SHEET OF
0.635MM EDGE MOUNT PCB CAGE
BY:
ASP-149118-01
DWG. NO.
DESCRIPTION:
PROPRIETARY NOTE
THIS DOCUMENT CONTAINS INFORMATION
CONFIDENTIAL AND PROPRIETARY TO
SAMTEC, INC. AND SHALL NOT BE REPRODUCED
OR TRANSFERRED TO OTHER DOCUMENTS OR
DISCLOSED TO OTHERS OR USED FOR ANY
PURPOSE OTHER THAN THAT WHICH IT WAS
OBTAINED WITHOUT THE EXPRESSED WRITTEN
CONSENT OF SAMTEC, INC.
VICKY Z
12/09/2009
2
2
SHEET SCALE: 2:1
F:\DWG\SW\Newprod\Pt635mm\HyperTransport\ASP-149118-01.SLDDRW
REVISION 0
520 PARK EAST BLVD, NEW ALBANY, IN 47150
PHONE: 812-944-6733
FAX: 812-948-5047
e-Mail: info@SAMTEC.com
code: 55322


Similar Part No. - ASP-149118-01

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
ASP-149117-01 SAMTEC-ASP-149117-01 Datasheet
342Kb / 2P
   THIS PRODUCT MANUFACTURED WITH LEAD-FREE PROCESSING
More results

Similar Description - ASP-149118-01

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
34-PP27U12B2 E-SWITCH-34-PP27U12B2 Datasheet
72Kb / 1P
   DENOTES CRITICAL PARAMETER
logo
Bud Industries, Inc.
DC-8075 BUD-DC-8075 Datasheet
101Kb / 1P
   MISSION CRITICAL CABINET
DC-8076 BUD-DC-8076 Datasheet
103Kb / 1P
   MISSON CRITICAL CABINET
logo
ON Semiconductor
NCP1608BOOSTGEVB ONSEMI-NCP1608BOOSTGEVB Datasheet
229Kb / 24P
   Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
July, 2015 ??Rev. 5
NCP1608 ONSEMI-NCP1608_10 Datasheet
276Kb / 24P
   Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
June, 2010 ??Rev. 3
NCP1608 ONSEMI-NCP1608_15 Datasheet
229Kb / 24P
   Critical Conduction Mode PFC Controller Utilizing a Transconductance Error Amplifier
July, 2015 ??Rev. 5
logo
Analog Devices
ADUC845_847_848ANOMALY AD-ADUC845_847_848ANOMALY Datasheet
100Kb / 4P
   This anomaly list represents the known bugs
logo
Fairchild Semiconductor
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
logo
Coilcraft lnc.
ST312PHA COILCRAFT-ST312PHA Datasheet
462Kb / 2P
   Power Inductor for Critical Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com