Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ASP-103614-04 Datasheet(PDF) 1 Page - Samtec, Inc

Part No. ASP-103614-04
Description  ITEMS -1, -2, & -3 NOT AVAILABLE AS STANDARD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

ASP-103614-04 Datasheet(HTML) 1 Page - Samtec, Inc

  ASP-103614-04 Datasheet HTML 1Page - Samtec, Inc ASP-103614-04 Datasheet HTML 2Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OTHER
ASSEMBLY
PACKAGING
PROCESS
TOOLING
COMPONENT
NON STANDARD
X
DO NOT
SCALE FROM
THIS PRINT
.155 3.94
REF
.073 1.85
REF
.363 9.22
"A"
"A"
1
2
C
.0060[0.152]
ITEM NO.
PART NUMBER
QUANTITY
MATERIAL
1
ASP-144052-01-B
1.0000
UL 94 V0, COLOR: BLACK
2
ASP-136535-01-B
1.0000
UL 94 V0, COLOR: BLACK
3
ASP-104554-02-P-H
114.00
BRASS ALLOY 260, 3/4 HARD
4
CT-ASP1134MS
.00571
CONDUCTIVE POLYMER
5
SDB-030-9653
114.00
96.5% TIN / 3% SILVER/ 0.5% COPPER
6
K-850-650
1.0000
POLYIMIDE FILM
.105 2.67
REF
.420 10.67
REF
1.050
REF
26.67
.155 3.94
REF
.460 11.68
REF
.295±.020 7.49±0.51
.020±.010 0.51±0.25
.980
REF
24.89
.350 8.89
REF
.250 6.35
.900 22.86
(19 POS - 1) X .0500[1.270]
ANY REV MADE TO THIS PRINT MUST HAVE AN UPDATED MKT PRINT
6
01
E
D
C
F
A
B
C
C
C
.100 2.54
REF
.016 0.41
REF (TYP)
.278 7.05
.084
REF
2.13
.339 8.61
REF
2 MAX SWAY
(EITHER DIRECTION)
'G'
SECTION "A"-"A"
3
5
C
C
.008±.002 0.20±0.05
SOLDER BALL REMOVED FOR CLARITY
DETAIL 'G'
SCALE 10 : 1
C
C
SHEET OF
UNLESS OTHERWISE SPECIFIED,
DIMENSIONS ARE IN INCHES.
TOLERANCES ARE:
DECIMALS
ANGLES
.XX: .01
2
.XXX: .005
.XXXX: .0020
VITA 42 (LEAD FREE) SOCKET ASSEMBLY
BY:
ASP-103614-04
DWG. NO.
DESCRIPTION:
PROPRIETARY NOTE
THIS DOCUMENT CONTAINS INFORMATION
CONFIDENTIAL AND PROPRIETARY TO
SAMTEC, INC. AND SHALL NOT BE REPRODUCED
OR TRANSFERRED TO OTHER DOCUMENTS OR
DISCLOSED TO OTHERS OR USED FOR ANY
PURPOSE OTHER THAN THAT WHICH IT WAS
OBTAINED WITHOUT THE EXPRESSED WRITTEN
CONSENT OF SAMTEC, INC.
DO NOT SCALE DRAWING
TAMMY W 09/11/06
2
1
SHEET SCALE: 3:1
F:\DWG\MISC\MKTG\ASP-103614-04-MKT.SLDDRW
PLATING: .000030 GOLD OVER .000050 NICKEL
NOTES:
1. ITEMS -1, -2, & -3 NOT AVAILABLE AS STANDARD, CUTOM FOR
VARIATION OF VITA 42 XMC STANDARDS.
2.
REPRESENTS A CRITICAL DIMENSION.
3. MAXIMUM BURR ALLOWANCE: .0015[0.038]
4. MAXIMUM CUT FLASH: .010[0.25]
5. MINIMUM PUSHOUT FORCE: .5 LB [2.22N]
6. MAXIMUM ALLOWABLE BOW; TOP/BOTTOM: .006[0.15], SIDE/SIDE: .003[0.08].
7. PARTS TO BE PACKAGED IN TAPE & REEL. FOR QTY'S LESS THAN 125 PCS, NO TRAILER
OR LEADER WILL BE SUPPLIED.
8. LEAD FREE SOLDER BALLS
520 PARK EAST BLVD, NEW ALBANY, IN 47150
PHONE: 812-944-6733
FAX: 812-948-5047
e-Mail info@SAMTEC.com
code 55322
REVISION R


Similar Part No. - ASP-103614-04

ManufacturerPart No.DatasheetDescription
Samtec, Inc
Samtec, Inc
ASP-103614-01 SAMTEC-ASP-103614-01 Datasheet
417Kb / 2P
   CUSTOM FOR VARIATION OF VITA 42 XMC STANDARD
More results

Similar Description - ASP-103614-04

ManufacturerPart No.DatasheetDescription
Samtec, Inc
Samtec, Inc
ASP-129646-01 SAMTEC-ASP-129646-01 Datasheet
173Kb / 2P
   NOT AVAILABLE AS STANDARD
ASP-130368-01 SAMTEC-ASP-130368-01 Datasheet
386Kb / 2P
   NOT AVAILABLE AS STANDARD.
ASP-137973-01 SAMTEC-ASP-137973-01 Datasheet
349Kb / 2P
   1. ITEM 1 NOT AVAILABLE AS STANDARD.
ASP-137974-01 SAMTEC-ASP-137974-01 Datasheet
344Kb / 2P
   ITEM 1 IS NOT AVAILABLE AS A STANDARD
ASP-142781-01 SAMTEC-ASP-142781-01 Datasheet
367Kb / 3P
   1. .608 STACKER HEIGHT NOT AVAILABLE AS STANDARD.
ASP-137971-01 SAMTEC-ASP-137971-01 Datasheet
310Kb / 2P
   ITEM 1 IS NOT AVAILABLE AS A STANDARD
ASP-135029-01 SAMTEC-ASP-135029-01 Datasheet
421Kb / 2P
   STANDARD PART SETUP AS ASP NOT AVAILABLE AS STANDARD.
ASP-133811-02 SAMTEC-ASP-133811-02 Datasheet
376Kb / 2P
   CONTACT CONFIGURATION NOT AVAILABLE AS STANDARD
ASP-137968-01 SAMTEC-ASP-137968-01 Datasheet
270Kb / 2P
   CONTACT CONFIGURATION NOT AVAILABLE AS STANDARD
ASP-130366-01 SAMTEC-ASP-130366-01 Datasheet
416Kb / 2P
   CONTACT CONFIGURATION NOT AVAILABLE AS STANDARD
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz