Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPPN104K2A Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # TPPN104K2A
Description  Polypropylene Film Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

TPPN104K2A Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  TPPN104K2A Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions in millimeters (mm)
Rated Voltage
100VDC
250VDC
400VDC
630VDC
DIM.
CAP(uF)
OD
L
OD
L
OD
L
OD
L
0.001
5.0
14.0
0.6
5.0
14.0
0.6
5.0
14.0
0.6
5.0
14.0
0.6
0.0015
5.0
14.0
0.6
5.0
14.0
0.6
6.0
14.0
0.6
7.0
14.0
0.6
0.0022
5.0
14.0
0.6
5.0
14.0
0.6
5.0
14.0
0.6
7.0
14.0
0.6
0.0033
5.0
14.0
0.6
5.0
14.0
0.6
6.0
14.0
0.6
7.0
14.0
0.6
0.0047
6.0
14.0
0.6
6.0
14.0
0.6
7.0
14.0
0.6
8.0
14.0
0.6
0.0068
6.0
14.0
0.6
6.0
14.0
0.6
8.0
14.0
0.6
8.0
16.0
0.6
0.01
6.0
14.0
0.6
7.0
14.0
0.6
8.0
16.0
0.6
10.0
16.0
0.6
0.015
7.0
14.0
0.6
7.0
16.0
0.6
9.0
16.0
0.6
9.0
21.0
0.8
0.022
7.0
14.0
0.6
8.0
16.0
0.6
10.0
16.0
0.6
11.0
21.0
0.8
0.033
8.0
14.0
0.6
10.0
16.0
0.6
12.5
21.0
0.8
13.0
21.0
0.8
0.047
9.0
16.0
0.6
10.0
21.0
0.6
14.0
21.0
0.8
13.0
27.0
0.8
0.068
11.0
16.0
0.6
11.0
21.0
0.8
12.0
27.0
0.8
15.0
27.0
0.8
0.10
10.0
21.0
0.8
12.0
27.0
0.8
14.0
27.0
0.8
16.0
32.0
0.8
0.15
12.0
21.0
0.8
14.0
27.0
0.8
17.0
27.0
0.8
18.0
32.0
0.8
0.22
13.0
27.0
0.8
16.0
27.0
0.8
18.0
32.0
0.8
0.33
15.0
27.0
0.8
15.0
32.0
0.8
20.0
32.0
0.8
0.47
16.0
32.0
0.8
19.0
32.0
0.8
Custom sizes and lead spacing available upon request
Custom values and tolerances available upon request
MERITEK
Polypropylene
Film Capacitors
TPPN Series
(Axial Tubular)
FEATURES
Negative temperature coefficient can be used in critical circuits
Excellent long-term stability and high reliability
SPECIFICATIONS
1. Operating temperature:
-40
oC to +85oC
2.
Capacitance range:
0.001
μF to 0.47μF
3.
Capacitance tolerance:
±5%(J), ±10%(K), ±20%(M)
4.
Rated voltage:
100VDC, 250VDC, 400VDC, 630VDC
5.
Dissipation factor:
0.1% max. at 1KHz, 25
oC
6.
Insulation resistance:
>50000M
Ω
PART NUMBERING SYSTEM
TPPN
103
J
2A
Meritek Series
Capacitance
CODE
102
103
104
105
(pF )
1,000
10,000
100,000
( nF )
1
10
100
1000
(
μF )
0.001
0.01
0.1
1
Tolerance
CODE
J
K
M
Tolerance (%)
± 5
± 10
± 20
Rated Voltage
CODE
2A
2E
2G
2J
100V
250V
400V
630V
Tape & Reel / Tape & Ammo available for diameter 10mm or smaller
Please contact factory for part numbers
TPPN are constructed with polypropylene film
dielectric, aluminum foil electrodes, tinned copper
leads, an outer wrapping of polyester film tape, and
epoxy resin end seals. They are ideal for coupling
and bypassing in precision timing and oscillation
circuits
.
MAX
OD
35mm
L
35mm
MIN
MAX
MIN
d
Specifications are subject to change without notice.
rev.6a


Similar Part No. - TPPN104K2A

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
TPP0051 TEKTRONIX-TPP0051 Datasheet
190Kb / 4P
   Passive 10X Voltage Probe
TPP0100 TEKTRONIX-TPP0100 Datasheet
189Kb / 4P
   Passive 10X Voltage Probe
logo
List of Unclassifed Man...
TPP0101 ETC2-TPP0101 Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
TPP0101 TEKTRONIX-TPP0101 Datasheet
815Kb / 14P
   Digital Storage Oscilloscopes
TPP0101 TEKTRONIX-TPP0101 Datasheet
930Kb / 10P
   Digital Storage Oscilloscopes
More results

Similar Description - TPPN104K2A

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MPXQD47K CDE-MPXQD47K Datasheet
139Kb / 1P
   Polypropylene Film Capacitors
logo
MERITEK ELECTRONICS COR...
DPPN MERITEK-DPPN Datasheet
111Kb / 1P
   Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
P2S RUBYCON-P2S Datasheet
168Kb / 2P
   POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
PPL MERITEK-PPL Datasheet
157Kb / 1P
   Polypropylene Film Capacitors
logo
EPCOS
B32656S EPCOS-B32656S_12 Datasheet
481Kb / 29P
   Film Capacitors Metallized Polypropylene Film Capacitors (MKP)
B32671L EPCOS-B32671L Datasheet
570Kb / 30P
   Film Capacitors Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MFP_B32686A TDK-MFP_B32686A Datasheet
313Kb / 16P
   Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
MFP_B32686S TDK-MFP_B32686S Datasheet
391Kb / 20P
   Film Capacitors Metallized Polypropylene Film Capacitors (MFP)
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com